Electronic Components Datasheet Search
  English  ▼

X  

IRF9540 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF9540
Description  P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF9540 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF9540 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF9540 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF9540 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF9540 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF9540 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF9540 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Thermal Characteristics:
Symbol
Parameter
Max
Units
RƟJC
Thermal Resistance,Junction to Case
2.15
℃
/W
RƟJA
Thermal Resistance Junction-Ambient
62
℃
/W
Electrical Characteristics:(TC=25℃ unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Sourtce Breakdown Voltage
VGS=0V,ID=-250μA
-100
---
---
V
IDSS
Zero Gate Voltage Drain Current
VGS=0V, VDS=-100V
---
---
-50
μ
A
IGSS
Gate-Source Leakage Current
VGS=±20V, VDS=0A
---
---
±
100
nA
On Characteristics
VGS(th)
GATE-Source Threshold Voltage
VGS=VDS, ID=-250μA
-1.2
-1.7
-2.5
V
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V,ID=-10A
---
78
90
mΩ
VGS=-4.5V,ID=-8A
---
86
110
Dynamic Characteristics
Ciss
Input Capacitance
VDS=-20V, VGS=0V, f=1MHz
---
3020
---
pF
Coss
Output Capacitance
---
120
---
Crss
Reverse Transfer Capacitance
---
73
---
Switching Characteristics
td(on)
Turn-On Delay Time2,3
VDD=-50V, ID=-10A,
VGS=-10V, RG=3.3Ω
---
11
---
ns
tr
Rise Time2,3
---
27
---
ns
td(off)
Turn-Off Delay Time2,3
---
78
---
ns
tf
Fall Time2,3
---
53
---
ns
Qg
Total Gate Charge2,3
VGS=-10V, VDS=-50V,
---
44
---
nC
P-Channel MOSFET
IRF9540
Rev:2023A2
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com