Electronic Components Datasheet Search
  English  ▼

X  

BAS32L Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BAS32L
Description  High-speed switching diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS32L Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BAS32L_05 Datasheet HTML 3Page - NXP Semiconductors BAS32L_05 Datasheet HTML 4Page - NXP Semiconductors BAS32L_05 Datasheet HTML 5Page - NXP Semiconductors BAS32L_05 Datasheet HTML 6Page - NXP Semiconductors BAS32L_05 Datasheet HTML 7Page - NXP Semiconductors BAS32L_05 Datasheet HTML 8Page - NXP Semiconductors BAS32L_05 Datasheet HTML 9Page - NXP Semiconductors BAS32L_05 Datasheet HTML 10Page - NXP Semiconductors BAS32L_05 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
9397 750 14605
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 22 March 2005
7 of 11
Philips Semiconductors
BAS32L
High-speed switching diode
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 16.
Fig 8.
Package outline SOD80C
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
Note
1. The marking band indicates the cathode.
SOD80C
100H01
97-06-20
05-01-26
Hermetically sealed glass surface mounted package; 2 connectors
SOD80C
UNIT
D
mm
1.60
1.45
3.7
3.3
0.3
H
L
DIMENSIONS (mm are the original dimensions)
H
D
LL
(1)
0
1
2 mm
scale
ka
Table 8:
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code. [1]
Type number
Package
Description
Packing quantity
2500
10000
BAS32L
SOD80C
4 mm pitch, 8 mm tape and reel
-115
-135



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com