Electronic Components Datasheet Search
  English  ▼

X  

IRFR120 Datasheet(PDF) 3 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # IRFR120
Description  N-channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

IRFR120 Datasheet(HTML) 3 Page - BYCHIP ELECTRONICS CO., LIMITED

  IRFR120 Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED IRFR120 Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED IRFR120 Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED IRFR120 Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Electrical & Thermal Characteristics
0.001
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (V)
Figure 5: Body-Diode Characteristics
0
4
8
12
16
20
0
0.8
1.6
2.4
3.2
4
VDS (V)
Figure 1: Saturation Characteristics
0
30
60
90
120
150
0
4
8
12
16
20
ID (A)
Figure 3: RDS(ON) vs. Drain Current
0
4
8
12
16
20
12
34
56
VGS (V)
Figure 2: Transfer Characteristics
TJ = 125°C
1
10
100
1000
0
204060
80
100
VDS (V)
Figure 6: Capacitance Characteristics
0
0.5
1
1.5
2
2.5
-50
0
50
100
150
Temperature (
C)
Figure 4: RDS(ON) vs. Junction Temperature
TJ = 25°C
VDS = 5.0V
VGS = 4.0V
VGS = 10V
VGS = 3.0V
VGS = 3.5V
VGS = 10V
TJ = 125°C
TJ = 25°C
Crss
Coss
Ciss
VGS = 10V
ID = 9.0A
VGS = 5.0V
VGS = 6.0V
VGS = 4.5V
VGS = 2.5V
VGS = 4.5V
VGS = 4.5V
ID = 6.0A
www.bychip.cn
IRFR120
v3.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com