Electronic Components Datasheet Search
  English  ▼

X  

F0176 Datasheet(PDF) 2 Page - Turck, Inc.

Part # F0176
Description  Compact I/O station for DeviceNet 16 Digital Inputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

F0176 Datasheet(HTML) 2 Page - Turck, Inc.

  F0176 Datasheet HTML 1Page - Turck, Inc. F0176 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com2 / 2
Terminal assignment
DeviceNet and Power Supply
Fieldbus cable (example):
CBC5-572-2M (ident no. 6606065) or
RKC5701-5M (ident no. 6931035)
Terminal Connection
Power Supply and I/O Channels
AUX1: Supply of the I/O channels 0 to 7
AUX2: Supply of the I/O channels 8 to 13
AUX3: Supply of the I/O channels 14 to 15
Via terminals V+ and V- more devices can be fed from the De-
viceNet™ supply with 24 VDC or with up to 0.7A.
Terminal Connection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com