Electronic Components Datasheet Search
  English  ▼

X  

SD560 Datasheet(PDF) 2 Page - Dc Components

Part # SD560
Description  TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SD560 Datasheet(HTML) 2 Page - Dc Components

  SD560 Datasheet HTML 1Page - Dc Components SD560 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80
100
120
140
RATING AND CHARACTERISTIC CURVES (SD520 THRU SD5100)
R
DC COMPONENTS CO., LTD.
0
20
40
0.001
0.01
1.0
10
0.1
60
80
100
120
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
CASE TEMPERATURE, (oC)
0.2
0.4
0.6
0.8
1.0
0.1
1.0
10
50
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
5.0
4.0
2.0
0
Single Phase
Half Wave 60Hz
Resistive or Inductive Load
1.0
3.0
TJ = 25oC
f = 1.0MHz
Vsig = 50mVp-p
SD580~SD5100
SD550~SD560
SD520~SD540
TJ = 25oC
TJ = 75oC
TJ = 100oC
140
1
10
0
20
60
80
100
40
100
NUMBER OF CYCLES AT 60Hz
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
120
1.0
10
0.1
10
100
1000
10000
100
REVERSE VOLTAGE, (V)
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
TJ = 25oC
f = 1.0MHz
Vsig = 50mVp-p



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com