Electronic Components Datasheet Search
  English  ▼

X  

MMBF4391 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MMBF4391
Description  N-CHANNEL SILICON JFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMBF4391 Datasheet(HTML) 1 Page - Rectron Semiconductor

  MMBF4391 Datasheet HTML 1Page - Rectron Semiconductor MMBF4391 Datasheet HTML 2Page - Rectron Semiconductor MMBF4391 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Marking code
N-CHANNEL SILICON JFET
The CENTRAL SEMICONDUCTOR MMBF4391 series types
are N-Channel silicon JFETs designed for analog
switching and chopper applications.
Min
Max
Min
Max
Min
Max
40
40
40
V
50
150
25
75
5
30
mA
0.1
0.1
0.1
nA
4102
5
0.5
3
V
11
1
1
V
30
60
100
0.1
nA
0.1
nA
0.1
nA
0.4
V
0.4
V
0.4
V
3.5
PF
3.5
PF
3.5
PF
15
nS
20
nS
30
nS
15
nS
15
nS
15
nS
20
nS
35
nS
50
nS
Symbol
VGD
mW
Unit
V
V
mA
td(off)
VGS(OFF)
Crss
Crss
Crss
Symbol
MMBF4392
t(on)
td(off)
td(off)
t(on)
t(on)
VGS=0V ID=250μA
VDS=20V
VGS=0V
ID(OFF)
BVGSS
IDSS
IGSS
TJ
TSTG
VGS
ID
PD
Parameter
MMBF4393
Unit
Limit
40
20
50
225
150
-55 To 150
MMBF4391
VGS=20V,VDS=0V
VDS=20V,ID=1nA
VGS=0V, ID=1mA
VDS=20V,VGS=12V
RDS(ON)
VGS(f)
VDS=0V,ID=1mA
ID OFF)=3mA
VGS OFF)=12V
VGS OFF)=7V
VGS OFF)=5V
VGS=12V,VDS=0V,f=1.0MHz
VGS=7V,VDS=0V,f=1.0MHz
VGS=5V,VDS=0V,f=1.0MHz
ID OFF)=12mA
ID OFF)=6mA
ID=3mA
tf
ID(OFF)
VDS=20V,VGS=7V
ID(OFF)
VDS=20V,VGS=5V
VDS(ON)
ID=12mA
Condition
tf
tf
VGS OFF)=12V
VGS OFF)=7V
VGS OFF)=5V
VDS(ON)
VDS(ON)
ID=6mA
MMBF4391
MMBF4392
MMBF4393
2022-02/17
REV:O


Similar Part No. - MMBF4391

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBF4391 FAIRCHILD-MMBF4391 Datasheet
474Kb / 10P
N-Channel Switch
logo
ON Semiconductor
MMBF4391 ONSEMI-MMBF4391 Datasheet
269Kb / 7P
N-Channel Switch
January 2015 Rev. 1.3
MMBF4391L ONSEMI-MMBF4391L Datasheet
180Kb / 6P
JFET Switching Transistors
October, 2016 ??Rev. 12
logo
Motorola, Inc
MMBF4391LT1 MOTOROLA-MMBF4391LT1 Datasheet
139Kb / 6P
JFET Switching Transistors
logo
ON Semiconductor
MMBF4391LT1 ONSEMI-MMBF4391LT1 Datasheet
90Kb / 6P
JFET Switching Transistors
September, 2004 ??Rev. 4
More results

Similar Description - MMBF4391

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
PN4391 CENTRAL-PN4391 Datasheet
329Kb / 2P
N-CHANNEL SILICON JFET
2N4391 CENTRAL-2N4391 Datasheet
536Kb / 2P
N-CHANNEL SILICON JFET
2N4858 CENTRAL-2N4858 Datasheet
528Kb / 2P
N-CHANNEL SILICON JFET
logo
New Jersey Semi-Conduct...
2N5395 NJSEMI-2N5395 Datasheet
78Kb / 1P
N-CHANNEL SILICON JFET
logo
Central Semiconductor C...
2N4856 CENTRAL-2N4856 Datasheet
539Kb / 2P
N-CHANNEL SILICON JFET
2N4857 CENTRAL-2N4857 Datasheet
539Kb / 2P
N-CHANNEL SILICON JFET
2N4858 CENTRAL-2N4858_15 Datasheet
528Kb / 2P
N-CHANNEL SILICON JFET
2N4859 CENTRAL-2N4859 Datasheet
539Kb / 2P
N-CHANNEL SILICON JFET
2N5484 CENTRAL-2N5484 Datasheet
329Kb / 2P
SILICON N-CHANNEL JFET
PN4391 CENTRAL-PN4391_15 Datasheet
329Kb / 2P
N-CHANNEL SILICON JFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com