Electronic Components Datasheet Search
  English  ▼

X  

SA3603 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA3603
Description  Cellular-band low voltage front-end
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA3603 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA3603 Datasheet HTML 1Page - NXP Semiconductors SA3603 Datasheet HTML 2Page - NXP Semiconductors SA3603 Datasheet HTML 3Page - NXP Semiconductors SA3603 Datasheet HTML 4Page - NXP Semiconductors SA3603 Datasheet HTML 5Page - NXP Semiconductors SA3603 Datasheet HTML 6Page - NXP Semiconductors SA3603 Datasheet HTML 7Page - NXP Semiconductors SA3603 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Preliminary specification
SA3603
Cellular-band low voltage front-end
1999 Dec 17
3
PINOUT DEFINITION
1
2
3
4
5
6
7
8
9
10
16
15
14
13
12
11
MIXER IF OUT+
LNA GAIN Sel
GND
LNA RF OUT
MIXER RF IN
GND
MIXER IF OUT–
VCC MIXER
LO OUT
GND
GND
LNA RF IN
VCC LNA
GND
VCC LO Buffer
LO IN
SR02247
Figure 2. Pinout definition
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
LO_IN
VCO input
2
VCC LO BUFFER
LO buffer supply voltage
3
LO OUT
VCO output
4, 6, 8, 11, 13
GND
Ground
5
VCC LNA
LNA supply voltage
7
LNA RF IN
LNA input
9
LNA GAIN SEL
LNA gain select
10
LNA RF OUT
LNA output
12
MIXER RF IN
Mixer input
14
MIXER IF OUT+
Mixer output +
15
MIXER IF OUT–
Mixer output –
16
VCC MIXER
Mixer supply voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com