Electronic Components Datasheet Search
  English  ▼

X  

BB145C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BB145C
Description  Low-voltage variable capacitance diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB145C Datasheet(HTML) 2 Page - NXP Semiconductors

  BB145C Datasheet HTML 1Page - NXP Semiconductors BB145C Datasheet HTML 2Page - NXP Semiconductors BB145C Datasheet HTML 3Page - NXP Semiconductors BB145C Datasheet HTML 4Page - NXP Semiconductors BB145C Datasheet HTML 5Page - NXP Semiconductors BB145C Datasheet HTML 6Page - NXP Semiconductors BB145C Datasheet HTML 7Page - NXP Semiconductors BB145C Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001 Dec 11
2
Philips Semiconductors
Preliminary specification
Low-voltage variable capacitance diode
BB145C
FEATURES
• Ultra small plastic SMD package
• Very low capacitance spread
• High capacitance ratio
• C1 to C4 ratio: min. 2.39, max. 2.53.
APPLICATIONS
Voltage Controlled Oscillators (VCO).
DESCRIPTION
The BB145C is a variable capacitance diode, fabricated in
planar technology and encapsulated in the SOD523 ultra
small plastic SMD package.
MARKING
PINNING
TYPE NUMBER
MARKING CODE
BB145C
K3
PIN
DESCRIPTION
1
cathode
2
anode
handbook, 2 columns
12


MBK441
Fig.1 Simplified outline (SOD523) and symbol.
Cathode side indicated by a bar.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
CHARACTERISTICS
Tj =25 °C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
−
10
V
VRM
peak reverse voltage
in series with a 10 k
Ω resistor
−
12
V
IF
continuous forward current
−
20
mA
Tstg
storage temperature
−55
+150
°C
Tj
operating junction temperature
−55
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IR
reverse current
VR = 15 V; see Fig.3
−
3nA
VR = 15 V; Tj =85 °C
−
30
nA
rs
diode series resistance
VR = 1 V; f = 470 MHz
−
0.6
Ω
Cd
diode capacitance
VR = 1 V; f = 1 MHz
6.4
7.2
pF
VR = 4 V; f = 1 MHz
2.55
2.85
pF
capacitance ratio
f = 1 MHz
2.39
2.53
C
d1V
()
C
d4V
()
----------------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com