Electronic Components Datasheet Search
  English  ▼

X  

SA3604 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA3604
Description  PCS-band low voltage front-end
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA3604 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA3604 Datasheet HTML 1Page - NXP Semiconductors SA3604 Datasheet HTML 2Page - NXP Semiconductors SA3604 Datasheet HTML 3Page - NXP Semiconductors SA3604 Datasheet HTML 4Page - NXP Semiconductors SA3604 Datasheet HTML 5Page - NXP Semiconductors SA3604 Datasheet HTML 6Page - NXP Semiconductors SA3604 Datasheet HTML 7Page - NXP Semiconductors SA3604 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Preliminary specification
SA3604
PCS-band low voltage front-end
1999 Dec 14
5
AC ELECTRICAL CHARACTERISTICS
VCC = +2.8 V; fRF = 1960 MHz, fVCO = 2070 MHz; Tamb = 25°C; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
–3
σ
TYP
+3
σ
MAX.
UNITS
Overall System
GSYS
System gain
LNA + Mixer (excluding filter
loss)
22
dB
Low Noise Amplifier
fRF
RF input frequency range
1930
1990
MHz
S21
Gain
17.5
dB
S21
Gain in power-down mode
2
dB
S12
Reverse isolation
@ 1960 MHz
TBD
dB
S11
Input return loss
50
Ω system
10
dB
S22
Output return loss
50
Ω system
10
dB
P-1dB
Input 1 dB gain compression
–19
dBm
IIP3
Input third order intercept
PRFin = –35 dBm, 60 kHz offset
–4
dBm
NF
Noise figure
1.9
dB
tON/OFF
Turn on/off time1
100
µs
Mixer
fRF
RF input frequency range
1930
1990
MHz
fIF
IF input frequency range
70
110
200
MHz
PGC
Power conversion gain
fIF = 110 MHz
8
dB
S11M
Input match
Ext. impedance matching req.
–10
dB
NFM
SSB noise figure
9.5
dB
P-1dB
Input 1 dB gain compression
–15
dBm
IIP3M
Input third order intercept
PRFin = –27 dBm, 60 kHz offset
6
dBm
IIP2INT
Input second order intercept
26
dBm
PRFM-IF
RF feedthrough
PRFin = –35 dBm
TBD
dBm
tON/OFF
Turn on/off time1
100
µs
LO Buffer
fLO
Input frequency range
2000
2190
MHz
PIN
Input power
–2
0
+2
dBm
POUT
Output power
0
dBm
S11
Input return loss
50
Ω system
10
dB
S22
Output return loss
50
Ω system
10
dB
PLO-IF
LO feedthrough to IF
TBD
dBm
PLO-RFM
LO to mixer input feedthrough
TBD
dBm
PLO-RF
LO to LNA input feedthrough
TBD
dBm
Harmonic content
–20
dB
tON/OFF
Turn on/off time1
100
µs
NOTE:
1. External circuit dependent



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com