Electronic Components Datasheet Search
  English  ▼

X  

DR4004 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DR4004
Description  Microbox Drill Set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DR4004 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DR4004 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
www.mcmelectronics.com
Page <1>
V1.0
07/01/13
Microbox Drill Set
Specification:
Kit Contents
: 0.3 to 1.6mm Drill Bits
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
DURATOOL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Microbox Drill Set, 20-Pc, 0.3-1.6mm
DR4001
Microbox Drill Set, 20-Pc, 61-80
DR4004
Microbox Shanked Drill Set, 10-Pc
DR4005
20 Piece Microbox Drill Set - Metric - 1826421:
High Speed steel metric drills from 0.3 tp 1.6mm in a handy plastic index box with sliding top.
Keeps drills securely in place and dispenses one drill at a time.
20 Piece Microbox Drill Set - Wire Gauge (numbers) - 1826422:
Contains one of each HSS number drill, sizes 61 to 80 inclusive, in handy sliding top index storage dispenser.
10 Piece Microbox 2.35mm Shank Drill Set - Metric - 1826423:
High Speed Steel drills from 0.5 to 2.2mm all with standard 2.35mm size shanks.
These are designed to be held in a collet or chuck, particularly useful for use with miniature power drills.


Similar Part No. - DR4004

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
DR4004 MULTICOMP-DR4004 Datasheet
221Kb / 1P
Microbox Drill Set
V1.0 08/06/21
More results

Similar Description - DR4004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00469 ETC2-D00469 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00230 ETC2-D00230 Datasheet
34Kb / 1P
Right Angle Drill Attachment
logo
Axiomtek Co., Ltd.
EM1611S AXIOMTEK-EM1611S_16 Datasheet
229Kb / 1P
Embedded MicroBox for 3.5 Capa Board
AX60650 AXIOMTEK-AX60650 Datasheet
430Kb / 1P
Embedded MicroBox for Mini-ITX SBC
EM60323 AXIOMTEK-EM60323_17 Datasheet
209Kb / 1P
Embedded MicroBox for Mini-ITX SBC
logo
SparkFun Electronics
TOL-14817 SPARKFUN-TOL-14817 Datasheet
203Kb / 1P
Standard PCB Drill Set (10 Pieces)
8-6-18
TOL-14818 SPARKFUN-TOL-14818 Datasheet
210Kb / 1P
Variety PCB Drill Set (10 Pieces)
8-6-18
logo
List of Unclassifed Man...
25960 ETC-25960 Datasheet
3Mb / 2P
VACO STEP DRILL BITS
Rev. 11/22 A
DWA1789IR ETC-DWA1789IR Datasheet
301Kb / 1P
Drill Bit Set, Impact Ready, 2 Step, 7/8" - 1 1/8"
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com