Electronic Components Datasheet Search
  English  ▼

X  

PB-60 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PB-60
Description  This new model PB-60 is a special breadboard, specifically designed for educational training.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PB-60 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PB-60 Datasheet HTML 1Page - List of Unclassifed Manufacturers PB-60 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering
Information
Model PB-60
P/N 104-6000
1486 Highland Ave., Unit 2,
Cheshire, CT 06410
TEL: (800) 572-1028
FAX (203) 272-4330
www.globalspecialties.com
4/01 ©2001 Interplex Electronics
• Specifications subject to change
without notice.
INSTRUMENTS
DISTRIBUTED BY:
www.globalspecialties.com
Sockets
(2) UBS-100
IC Capacity
16
(based on 14 pin IC’s)
Tie Points
1680
Binding Posts
4 (3 red, 1 black)
Backplate
Plexiglass
Length
6 in
Width
6.5 in
Height
1.4 in, 36 mm
Weight
10 oz.
P/N
104-6000
Wire Size
#22 AWG wire preferred; component
leads with diameters .01-.033 inches
(.25 -.84mm) acceptable, 0.15-.032 inches
(.38-.81mm) recommended.
Resistance
Initial contact resistance is less than
0.5 milliohm; after multiple uses it
reduces to less than 0.4 milliohm.
Related Accessories
Prepared wire kit, model WK-1.
P/N 111-0044
PROT OTYPING
&
DESIGN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com