Electronic Components Datasheet Search
  English  ▼

X  

BAV99S Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAV99S
Description  High-speed switching diode array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV99S Datasheet(HTML) 3 Page - NXP Semiconductors

  BAV99S Datasheet HTML 1Page - NXP Semiconductors BAV99S Datasheet HTML 2Page - NXP Semiconductors BAV99S Datasheet HTML 3Page - NXP Semiconductors BAV99S Datasheet HTML 4Page - NXP Semiconductors BAV99S Datasheet HTML 5Page - NXP Semiconductors BAV99S Datasheet HTML 6Page - NXP Semiconductors BAV99S Datasheet HTML 7Page - NXP Semiconductors BAV99S Datasheet HTML 8Page - NXP Semiconductors BAV99S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2001 May 14
3
Philips Semiconductors
Product specification
High-speed switching diode array
BAV99S
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Per diode
VF
forward voltage
see Fig.3
IF = 1 mA
715
mV
IF = 10 mA
855
mV
IF =50mA
1
V
IF = 150 mA
1.25
V
IR
reverse current
see Fig.5
VR =75V
1
µA
VR =25V; Tj = 150 °C30
µA
VR =75V; Tj = 150 °C50
µA
Cd
diode capacitance
VR = 0; f = 1 MHz; see Fig.6
1.5
pF
trr
reverse recovery time
when switched from IF = 10 mA to IR =10mA;
RL = 100 Ω; measured at IR = 1 mA; see Fig.7
4ns
Vfr
forward recovery voltage
when switched to IF = 10 mA; tr = 20 ns; see Fig.8
1.75
V
THERMAL CHARACTERISTICS
Note
1. Solder points at pins: 2, 3, 5 and 6.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
note 1
≤260
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com