Electronic Components Datasheet Search
  English  ▼

X  

SA5204AD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA5204AD
Description  Wide-band high-frequency amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5204AD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA5204AD Datasheet HTML 4Page - NXP Semiconductors SA5204AD Datasheet HTML 5Page - NXP Semiconductors SA5204AD Datasheet HTML 6Page - NXP Semiconductors SA5204AD Datasheet HTML 7Page - NXP Semiconductors SA5204AD Datasheet HTML 8Page - NXP Semiconductors SA5204AD Datasheet HTML 9Page - NXP Semiconductors SA5204AD Datasheet HTML 10Page - NXP Semiconductors SA5204AD Datasheet HTML 11Page - NXP Semiconductors SA5204AD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
Product specification
SA5204A
Wide-band high-frequency amplifier
1997 Nov 07
8
PC BOARD MOUNTING
In order to realize satisfactory mounting of the SA5204A to a PC
board, certain techniques need to be utilized. The board must be
double-sided with copper and all pins must be soldered to their
respective areas (i.e., all GND and VCC pins on the package). The
power supply should be decoupled with a capacitor as close to the
VCC pins as possible, and an RF choke should be inserted between
the supply and the device. Caution should be exercised in the
connection of input and output pins. Standard microstrip should be
observed wherever possible. There should be no solder bumps or
burrs or any obstructions in the signal path to cause launching
problems. The path should be as straight as possible and lead
lengths as short as possible from the part to the cable connection.
Another important consideration is that the input and output should
be AC-coupled. This is because at VCC=6V, the input is
approximately at 1V while the output is at 3.1V. The output must be
decoupled into a low-impedance system, or the DC bias on the
output of the amplifier will be loaded down, causing loss of output
power. The easiest way to decouple the entire amplifier is by
soldering a high-frequency chip capacitor directly to the input and
output pins of the device. This circuit is shown in Figure 18. Follow
these recommendations to get the best frequency response and
noise immunity. The board design is as important as the integrated
circuit design itself.
SCATTERING PARAMETERS
The primary specifications for the SA5204A are listed as
S-parameters. S-parameters are measurements of incident and
reflected currents and voltages between the source, amplifier, and
load as well as transmission losses. The parameters for a two-port
network are defined in Figure 19.
VOUT
VIN
VCC
AC
COUPLING
CAPACITOR
RF CHOKE
DECOUPLING
CAPACITOR
AC
COUPLING
CAPACITOR
SR00210
5204A
Figure 18. Circuit Schematic for
Coupling and Power Supply Decoupling
Actual S-parameter measurements using an HP network analyzer
(model 8505A) and an HP S-parameter tester (models 8503A/B) are
shown in Figure 20.
Values for the figures below are measured and specified in the data
sheet to ease adaptation and comparison of the SA5204A to other
high-frequency amplifiers.
The most important parameter is S21. It is defined as the square root
of the power gain, and, in decibels, is equal to voltage gain as
shown below:
ZD=ZIN=ZOUT for the SA5204A
P
IN )
V
IN
2
Z
D
P
OUT )
V
OUT
2
Z
D
N
P
OUT
P
IN
+
V
OUT
2
Z
D
V
IN
2
Z
D
+
V
OUT
2
V
IN
2
+ P
I
SA5204A
ZD
PI=VI 2
PI=Insertion Power Gain
VI=Insertion Voltage Gain
Measured value for the
SA5204A = |S21 | 2 = 100
NP
I +
P
OUT
P
IN
+ |S
21 |
2
+ 100
and V
I +
V
OUT
V
IN
+ P
I
+ S
21 + 10
In decibels:
PI(dB) =10 Log | S21 | 2 = 20dB
VI(dB) = 20 Log S21 = 20dB
∴ PI(dB) = VI(dB) = S21(dB) = 20dB
Also measured on the same system are the respective voltage
standing wave ratios. These are shown in Figure 21. The VSWR
can be seen to be below 1.5 across the entire operational frequency
range.
Relationships exist between the input and output return losses and
the voltage standing wave ratios. These relationships are as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com