Electronic Components Datasheet Search
  English  ▼

X  

SA5209 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SA5209
Description  Wideband variable gain amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5209 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SA5209 Datasheet HTML 8Page - NXP Semiconductors SA5209 Datasheet HTML 9Page - NXP Semiconductors SA5209 Datasheet HTML 10Page - NXP Semiconductors SA5209 Datasheet HTML 11Page - NXP Semiconductors SA5209 Datasheet HTML 12Page - NXP Semiconductors SA5209 Datasheet HTML 13Page - NXP Semiconductors SA5209 Datasheet HTML 14Page - NXP Semiconductors SA5209 Datasheet HTML 15Page - NXP Semiconductors SA5209 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Philips Semiconductors
Product specification
SA5209
Wideband variable gain amplifier
1997 Nov 07
12
0
Frequency (MHz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
T = 25
°C
RS = RL = 50Ω
Rt = 50Ω
See test-setup 1
SR00263
Figure 27. Reverse Isolation vs Frequency
0
0.2
1
0
0.4
0.6
0.8
–5
–10
–15
–20
–25
–30
VAGC (V)
OUTPUT
INPUT
T = 25
°C
RS = RL = 50Ω
Rt = 50Ω
f = 100MHz
See test-setup 1
SR00265
Figure 28. 1dB Gain Compression vs VAGC
0
0.2
0.4
0.6
0.8
15
10
5
0
–5
1
T = 25
°C
RS = RL = 50Ω
Rt = 50Ω
f = 100MHz
See test-setup 1
VAGC (V)
OUTPUT
INPUT
SR00264
Figure 29. Third-Order Intermodulation Intercept vs VAGC
0
0.2
1
20
VAGC (V)
T = 25
°C
RS = RL = 50Ω
Rt = ∞
f = 50MHz
See test-setup 1
0.4
0.6
0.8
18
16
14
12
10
8
6
4
2
0
SR00266
Figure 30. Noise Figure vs VAGC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com