Electronic Components Datasheet Search
  English  ▼

X  

SA5212AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA5212AD
Description  Transimpedance amplifier 140MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5212AD Datasheet(HTML) 1 Page - NXP Semiconductors

  SA5212AD Datasheet HTML 1Page - NXP Semiconductors SA5212AD Datasheet HTML 2Page - NXP Semiconductors SA5212AD Datasheet HTML 3Page - NXP Semiconductors SA5212AD Datasheet HTML 4Page - NXP Semiconductors SA5212AD Datasheet HTML 5Page - NXP Semiconductors SA5212AD Datasheet HTML 6Page - NXP Semiconductors SA5212AD Datasheet HTML 7Page - NXP Semiconductors SA5212AD Datasheet HTML 8Page - NXP Semiconductors SA5212AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Philips
Semiconductors
SA5212A
Transimpedance amplifier (140MHz)
Product specification
Replaces datasheet NE/SA/SE5212A of 1995 Apr 26
IC19 Data Handbook
1998 Oct 07
INTEGRATED CIRCUITS


Similar Part No. - SA5212AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5211 PHILIPS-SA5211 Datasheet
172Kb / 20P
Transimpedance amplifier 180MHz
1998 Oct 07
SA5211D PHILIPS-SA5211D Datasheet
172Kb / 20P
Transimpedance amplifier 180MHz
1998 Oct 07
SA5214 PHILIPS-SA5214 Datasheet
83Kb / 10P
Postamplifier with link status indicator
1998 Oct 07
SA5214D PHILIPS-SA5214D Datasheet
83Kb / 10P
Postamplifier with link status indicator
1998 Oct 07
SA5217 PHILIPS-SA5217 Datasheet
98Kb / 12P
Postamplifier with link status indicator
1998 Oct 07
More results

Similar Description - SA5212AD

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1.5
ATA01502D1C ANADIGICS-ATA01502D1C Datasheet
202Kb / 6P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1
ATA01504D1C ANADIGICS-ATA01504D1C Datasheet
224Kb / 6P
AGC TRANSIMPEDANCE AMPLIFIER
REV 0
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
TRANSIMPEDANCE AMPLIFIER
REV 1
ATA01502 ANADIGICS-ATA01502 Datasheet
245Kb / 8P
AGC Transimpedance Amplifier
Rev 2
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
AGC Transimpedance Amplifier
Rev 1
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
Transimpedance Amplifier
logo
Roithner LaserTechnik G...
UV-TIAMO ROITHNER-UV-TIAMO Datasheet
703Kb / 3P
integrated transimpedance amplifier
UV-TIAMO-M ROITHNER-UV-TIAMO-M Datasheet
696Kb / 3P
integrated transimpedance amplifier
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com