Electronic Components Datasheet Search
  English  ▼

X  

SFF140J Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFF140J
Description  28 AMP / 100 Volts 0.077OHM N-Channel POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF140J Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFF140J Datasheet HTML 1Page - Solid States Devices, Inc SFF140J Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00029C
DOC
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SFF140 _J_ __ __
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
+
Screening
2/ __ = Not Screen
TX = TX Level
TXV = TXV Level
S = S Level
¦
¦
¦
¦
+ Lead Option
3/ __ = Cooper Core Alloy Leads
BW = Welded Copper Leads
+ Package: TO-257
SFF140J
SFF140JBW
28 AMP / 100 Volts
0.077
Ω
N-Channel
POWER MOSFET
Features:
• Rugged Construction with Polysilicon Gate Cell
• Low RDS(ON) and High Transconductance
• Excellent High Temperature Stability
• Very Fast Switching Speed
• Fast Recovery and Superior dV/dt Performance
• Increased Reverse Energy Capability
• Low Input and Transfer Capacitance for Easy Paralleling
• Ceramic Seals for Improved Hermeticity
• Hermetically Sealed Surface Mount Power Package
• TX, TXV, Space Level Screening Available
• Replacement for IRF140/540 Types
• Available with enhanced flexibility Cu pins: SFF140JBW
Maximum Ratings
Symbol
Value
Units
Drain – Source Voltage
VDS
100
Volts
Gate – Source Voltage
VGS
±20
Volts
Continuous Collector Current
ID
28
Amps
Power Dissipation
TC = 25ºC
TC = 55ºC
PD
62.5
47.5
W
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
2
ºC/W
TO-257
Pin Out:
Pin1: Drain
Pin2: Source
Pin3: Gate
PIN 1
PIN 2
PIN 3
SUFFIX: JD
SUFFIX: JU
SUFFIX: J


Similar Part No. - SFF140J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF140 SSDI-SFF140 Datasheet
223Kb / 2P
28 AMP 100 Volts 0.077OHM N-Channel POWER MOSFET
SFF140-28 SSDI-SFF140-28 Datasheet
244Kb / 2P
28 AMP /100 Volts 0.095OHM N-Channel POWER MOSFET
SFF140M SSDI-SFF140M Datasheet
228Kb / 2P
N-CHANNEL POWER MOSFET
SFF140Z SSDI-SFF140Z Datasheet
228Kb / 2P
N-CHANNEL POWER MOSFET
More results

Similar Description - SFF140J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF40N10-28 SSDI-SFF40N10-28 Datasheet
231Kb / 2P
40 AMP /100 Volts 0.055OHM N-Channel POWER MOSFET
SFF140-28 SSDI-SFF140-28 Datasheet
244Kb / 2P
28 AMP /100 Volts 0.095OHM N-Channel POWER MOSFET
SFF130G SSDI-SFF130G Datasheet
229Kb / 3P
14 AMP / 100 Volts 0.18OHM N-Channel POWER MOSFET
SFF130-28 SSDI-SFF130-28 Datasheet
227Kb / 2P
14 AMP / 100 Volts 0.16OHM N-Channel POWER MOSFET
SFF130J SSDI-SFF130J Datasheet
211Kb / 2P
14 AMP / 100 Volts 0.16OHM N-Channel POWER MOSFET
SFF044M SSDI-SFF044M Datasheet
227Kb / 2P
28 AMP 100 Volts 0.077OHM N-Channel POWER MOSFET
SFF140 SSDI-SFF140 Datasheet
223Kb / 2P
28 AMP 100 Volts 0.077OHM N-Channel POWER MOSFET
SFF150-61 SSDI-SFF150-61 Datasheet
211Kb / 2P
30 AMP 100 Volts 0.055OHM N-Channel POWER MOSFET
SFF150C SSDI-SFF150C Datasheet
202Kb / 2P
40 AMP 100 Volts 0.040OHM N-Channel POWER MOSFET
SFF130-3 SSDI-SFF130-3 Datasheet
223Kb / 2P
14 AMP 100 VOLTS 0.16ohm N-Channel Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com