Electronic Components Datasheet Search
  English  ▼

X  

SA5214D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA5214D
Description  Postamplifier with link status indicator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5214D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA5214D Datasheet HTML 2Page - NXP Semiconductors SA5214D Datasheet HTML 3Page - NXP Semiconductors SA5214D Datasheet HTML 4Page - NXP Semiconductors SA5214D Datasheet HTML 5Page - NXP Semiconductors SA5214D Datasheet HTML 6Page - NXP Semiconductors SA5214D Datasheet HTML 7Page - NXP Semiconductors SA5214D Datasheet HTML 8Page - NXP Semiconductors SA5214D Datasheet HTML 9Page - NXP Semiconductors SA5214D Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Philips Semiconductors
Product specification
SA5214
Postamplifier with link status indicator
1998 Oct 07
8
All die are 100% functional with various parametrics tested at the
wafer level, at room temperature only (25
°C), and are guaranteed to
be 100% functional as a result of electrical testing to the point of
wafer sawing only. Although the most modern processes are
utilized for wafer sawing and die pick and place into waffle pack
carriers, it is impossible to guarantee 100% functionality through this
process. There is no post waffle pack testing performed on
individual die.
Since Philips Semiconductors has no control of third party
procedures in the handling or packaging of die, Philips
Semiconductors assumes no liability for device functionality or
performance of the die or systems on any die sales.
Although Philips Semiconductors typically realizes a yield of 85%
after assembling die into their respective packages, with care
customers should achieve a similar yield. However, for the reasons
stated above, Philips Semiconductors cannot guarantee this or any
other yield on any die sales.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CAZN
CAZP
GNDA
FLAG
VCCA
LED
JAM
RHYST
VCCD
VOUT
IN1B
CPKDET
THRESH
IN1A
19
20
18
17
OUT1B
IN2B
OUT1A
IN2A
RPKDET
GNDD
ECN No.: 94620
1988 Sep 28
SD00490
Figure 6. SA5214 Bonding Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com