Electronic Components Datasheet Search
  English  ▼

X  

SA5212AFE Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA5212AFE
Description  Transimpedance amplifier 140MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5212AFE Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA5212AFE Datasheet HTML 2Page - NXP Semiconductors SA5212AFE Datasheet HTML 3Page - NXP Semiconductors SA5212AFE Datasheet HTML 4Page - NXP Semiconductors SA5212AFE Datasheet HTML 5Page - NXP Semiconductors SA5212AFE Datasheet HTML 6Page - NXP Semiconductors SA5212AFE Datasheet HTML 7Page - NXP Semiconductors SA5212AFE Datasheet HTML 8Page - NXP Semiconductors SA5212AFE Datasheet HTML 9Page - NXP Semiconductors SA5212AFE Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Philips Semiconductors
Product specification
SA5212A
Transimpedance amplifier (140MHz)
1998 Oct 07
6
TEST CIRCUITS (Continued)
Test Circuit 4
NETWORK ANALYZER
S-PARAMETER TEST SET
PORT 1
PORT 2
CURRENT PROBE
1mV/mA
CAL
TEST
TRANSFORMER
NH0300HB
100
33
33
16
OUT
OUT
BAL.
50
UNBAL.
VCC
GND1
GND2
NC
0.1
µF
1
µF
1
µF
0.1
µF
10
µF
–5.2V +
∆V
10
µF
IN
SD00339
Figure 4. Test Circuit 4
Test Circuit 5
OSCILLOSCOPE
33
33
1k
OUT
OUT
GND2
GND1
5V
IN
1
µF
1
µF
PULSE GEN.
Measurement done using
differential wave forms
0.1
µF
50
ZO = 50Ω
A
B
ZO = 50Ω
DUT
SD00545
Figure 5. Test Circuit 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com