Electronic Components Datasheet Search
  English  ▼

X  

8EWS08S Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 8EWS08S
Description  Input Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

8EWS08S Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  8EWS08S Datasheet HTML 1Page - Inchange Semiconductor Company Limited 8EWS08S Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input Rectifier Diode
8EWS08S
www.iscsemi.com
1
FEATURES
· Low forward voltage drop
· Low Leakage Current
· Ultrafast recovery time
APPLICATIONS
· PFC Boost Stage
· Inverters
· Freewheeling diodes
· AC-to-DC section of SMPS
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
800
V
IF(AV)
Average Rectified Forward Current
8
A
IFSM
Non-repetitive peak surge current
200
A
TJ
Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3
℃
/W


Similar Part No. - 8EWS08S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWS08S IRF-8EWS08S Datasheet
202Kb / 7P
SURFACE MOUNTABLE INPUT RECTIFIER DIODE
8EWS08SPBF IRF-8EWS08SPBF Datasheet
213Kb / 7P
SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
logo
Vishay Siliconix
8EWS08SPBF VISHAY-8EWS08SPBF Datasheet
532Kb / 7P
Surface Mountable Input Rectifier Diode, 8 A
01-Jul-09
8EWS08SPBF VISHAY-8EWS08SPBF Datasheet
132Kb / 7P
High Voltage Surface Mount Input Rectifier Diode, 8 A
16-Jan-17
logo
International Rectifier
8EWS08STR IRF-8EWS08STR Datasheet
213Kb / 7P
SURFACE MOUNTABLE INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
More results

Similar Description - 8EWS08S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS IRF-10ETS Datasheet
70Kb / 5P
INPUT RECTIFIER DIODE
20ETS16S IRF-20ETS16S Datasheet
142Kb / 7P
INPUT RECTIFIER DIODE
80EPS IRF-80EPS Datasheet
80Kb / 6P
INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 7P
INPUT RECTIFIER DIODE
80EPSPBF IRF-80EPSPBF Datasheet
102Kb / 6P
INPUT RECTIFIER DIODE
20ETS08SPBF IRF-20ETS08SPBF Datasheet
176Kb / 7P
INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
Input Rectifier Diode
10ETS08S ISC-10ETS08S Datasheet
264Kb / 2P
Input Rectifier Diode
10ETS10 ISC-10ETS10 Datasheet
263Kb / 2P
Input Rectifier Diode
10ETS12S ISC-10ETS12S Datasheet
263Kb / 2P
Input Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com