Electronic Components Datasheet Search
  English  ▼

X  

SA5223 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA5223
Description  Wide dynamic range AGC transimpedance amplifier 150MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5223 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA5223 Datasheet HTML 1Page - NXP Semiconductors SA5223 Datasheet HTML 2Page - NXP Semiconductors SA5223 Datasheet HTML 3Page - NXP Semiconductors SA5223 Datasheet HTML 4Page - NXP Semiconductors SA5223 Datasheet HTML 5Page - NXP Semiconductors SA5223 Datasheet HTML 6Page - NXP Semiconductors SA5223 Datasheet HTML 7Page - NXP Semiconductors SA5223 Datasheet HTML 8Page - NXP Semiconductors SA5223 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
SA5223
Wide dynamic range AGC transimpedance amplifier(150MHz)
2
1995 Oct 24
853-1816 15939
DESCRIPTION
The SA5223 is a wide-band, low-noise transimpedance amplifier
with differential outputs, incorporating AGC and optimized for signal
recovery in wide-dynamic-range fiber optic receivers, such as
SONET. The part is also suited for many other RF and fiber optic
applications as a general purpose gain block.
The SA5223 is the first AGC amplifier to incorporate internal AGC
loop hold capacitor, therefore, no external components are required.
The internal AGC loop enables the SA5223 to effortlessly handle
bursty data over a range of nA to mA of signal current, positive
direction (sinking) only.
FEATURES
• Extremely low noise:1.17pA Hz
• Single 5V supply
• Low supply current: 22mA
• Large bandwidth: 150MHz
• Differential outputs
• Internal hold capacitor
• Low input/output impedances
• High power-supply-rejection ratio: 55dB
• Tight transresistance control
• High input overload: 4mA
• 2000V HBM ESD protection
PIN DESCRIPTION
D Package
IN
GND2
OUT
VCC
1
2
3
4
8
7
6
5
OUT
GND4
GND3
GND1
SD00369
APPLICATIONS
• OC3 SONET preamp (see AN1431 for detailed analysis
• Current-to-voltage converters
• Wide-band gain block
• Medical and scientific instrumentation
• Sensor preamplifiers
• Single-ended to differential conversion
• Low noise RF amplifiers
• RF signal processing
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Small Outline
-40 to +85
°C
SA5223D
SOT96-1
For unpackaged die please contact factory.
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Power supply voltage
6
V
TA
Ambient temperature range
-40 to +85
°C
TJ
Junction temperature range
-55 to +150
°C
TSTG
Storage temperature range
-65 to +150
°C
PD
Power dissipation TA = 25oC (still air)1
0.78
W
IINMAX
Maximum input current
5
mA
NOTE:
1. Maximum power dissipation is determined by the operating ambient temperature and the thermal resistance
θJA = 158oC/W. Derate
6.2mW/
°C above 25°C.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Power supply voltage
4.5 to 5.5
V
TA
Ambient temperature range: SA grade
-40 to +85
°C
TJ
Junction temperature range: SA grade
-40 to +105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com