Electronic Components Datasheet Search
  English  ▼

X  

PS-67CS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS-67CS
Description  Confetti Cut Shredder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS-67CS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS-67CS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Order Code
145-4615●
Confetti Cut Shredder
483008.465369
Ì Shreds up to 8 sheets
(A4) at a time
Ì 3.9 x 50mm cross cut
size
Ì 230mm throat width
Ì Safe sense
 technology
Ì Electronic auto-start and reverse
Ì Ergonomically-friendly front feed mecha-
nism
Ì Sheet capacity gauge
Ì Easy-lift head
Ì Auto-stop on bin removal
Ì 23 litre waste basket
Ì Extended running time
Ì Dimensions (HxWxD): 460x310x410mm
Ì Weight: 9.7kg
Ì 2-year manufacturers warranty


Similar Part No. - PS-67CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS-670 ETC2-PS-670 Datasheet
1Mb / 3P
Absorbent Glass Mat (AGM) technology for superior performance
logo
Power Sonic Corporation
PS-670 POWER-SONIC-PS-670 Datasheet
439Kb / 2P
Rechargeable Sealed Lead Acid Battery PS ??General Purpose Series
logo
Molex Electronics Ltd.
PS-67492-001 MOLEX-PS-67492-001 Datasheet
400Kb / 7P
SERIAL ATA BACKPLANE CONNECTOR 1.27mm PITCH
2016/04/28
More results

Similar Description - PS-67CS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TH10 TI-TH10 Datasheet
168Kb / 2P
Thermal Cut-out
logo
Central Technologies
CTLC0603F CT-CTLC0603F Datasheet
199Kb / 1P
Laser Cut Inductors
logo
Molex Electronics Ltd.
0011184403 MOLEX11-0011184403 Datasheet
20Kb / 1P
Cut-off Punch
0011404420 MOLEX11-0011404420 Datasheet
20Kb / 1P
Cut Off Punch
11-18-4109 MOLEX11-11-18-4109 Datasheet
32Kb / 1P
Cut-off Punch
11-18-4447 MOLEX11-11-18-4447 Datasheet
30Kb / 1P
Cut-off Punch
63469-0004 MOLEX11-63469-0004 Datasheet
31Kb / 1P
Cut-off Punch
0011404418 MOLEX-0011404418 Datasheet
34Kb / 1P
Cut-off Punch
11/02/2021
0011184447 MOLEX-0011184447 Datasheet
23Kb / 1P
Cut-off Punch
08/25/2022
0011184593 MOLEX-0011184593 Datasheet
25Kb / 1P
Cut-off Punch
08/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com