Electronic Components Datasheet Search
  English  ▼

X  

SFF240J Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFF240J
Description  15 AMP 200 Volts 0.20 OHM N-Channel POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF240J Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFF240J Datasheet HTML 1Page - Solid States Devices, Inc SFF240J Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SFF240J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF240J SSDI-SFF240J Datasheet
137Kb / 3P
N-Channel Power MOSFET
SFF240JR SSDI-SFF240JR Datasheet
137Kb / 3P
N-Channel Power MOSFET
SFF240J SSDI-SFF240J_1 Datasheet
137Kb / 3P
N-Channel Power MOSFET
More results

Similar Description - SFF240J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF240-28 SSDI-SFF240-28 Datasheet
223Kb / 2P
15 AMP / 200 Volts 0.20 OHM N-Channel POWER MOSFET
SFF240 SSDI-SFF240 Datasheet
219Kb / 2P
15 AMP 200 Volts 0.18 OHM N-Channel POWER MOSFET
SFF240M SSDI-SFF240M Datasheet
234Kb / 2P
18 AMP 200 Volts 0.18 OHM N-Channel POWER MOSFET
SFF250M-1 SSDI-SFF250M-1 Datasheet
230Kb / 2P
30 AMP 200 VOLTS 00.075 ohm N-Channel Power MOSFET
SFF9140-28 SSDI-SFF9140-28 Datasheet
223Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
SFF9140 SSDI-SFF9140 Datasheet
219Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
SFF9140J SSDI-SFF9140J Datasheet
66Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
SFF9140M SSDI-SFF9140M Datasheet
224Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
SFF9140C SSDI-SFF9140C Datasheet
229Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
SFF9140-3 SSDI-SFF9140-3 Datasheet
223Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com