Electronic Components Datasheet Search
  English  ▼

X  

SFF75N10Z Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFF75N10Z
Description  75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF75N10Z Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFF75N10Z Datasheet HTML 1Page - Solid States Devices, Inc SFF75N10Z Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
ELECTRICAL CHARACTERISTICS @ TJ =25oC (Unless Otherwise Specified)
V
Drain to Source Breakdown Voltage
(VGS =0 V, ID = 250
µA)
-
BVDSS
-
RATING
SYMBOL
MIN
TYP
MAX
UNIT
100
Ω
Ω
Ω
Ω
Ω
Drain to Source on State Resistance
(VGS = 10 V)
RDS(on)
-
-
V
Gate Threshold Voltage
(VDS = VGS, ID = 4mA)
-
VGS(th)
4.0
2
Smho
Forward Transconductance
(VDS > ID(on) X RDS (on) Max, IDS=50% rated ID)
30
gfs
-
25
µµµµµA
Zero Gate Voltage Drain Current
(VDS = max rated voltage, VGS = 0 V)
(VDS = 80% rated VDS, VGS = 0V, TA = 125oC)
-
-
IDSS
-
-
Gate to Source Leakage Forward
Gate to Source Leakage Reverse
-
-
IGSS
+200
-200
-
-
At rated VGS
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = 10 V
50% rated VDS
50% rated ID
Qg
Qgs
Qgd
-
-
-
160
16
50
260
70
160
nsec
Turn on Delay Time
Rise Time
Turn off DelayTime
Fall Time
VDD=50%
rated VDS
50% rated ID
RG = 6.2
Ω
VGS=10V
td (on)
tr
td (off)
tf
-
-
-
-
30
35
100
40
40
100
120
80
V
1.3
VSD
1.75
-
Diode Reverse Recovery Time
Reverse Recovery Charge
120
-
trr
QRR
200
-
-
TJ =25oC
IF = 10A
di/dt = 100A/
µsec
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS =0 Volts
VDS =25 Volts
f =1 MHz
Ciss
Coss
Crss
-
-
-
4500
1600
800
-
-
-
pF
nsec
A
On State Drain Current
(VDS > ID(on) x RDS(on) Max, VGS = 10 V)
-
ID(on)
-
75
Diode Forvard Voltage
(IS = rated ID, VGS = 0V, TJ = 25oC)
nC
nA
250
1000
SFF75N10M
SFF75N10Z
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
NOTES:
1/ Maximum current limited by package, die rated at 75A.
-
-
0.025
0.030
ID = 37.5A
ID = 75 A
NOTE: All specifications are subject to change without notification.
SCDs for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00153F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com