Electronic Components Datasheet Search
  English  ▼

X  

SA575 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA575
Description  Low voltage compandor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA575 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA575 Datasheet HTML 1Page - NXP Semiconductors SA575 Datasheet HTML 2Page - NXP Semiconductors SA575 Datasheet HTML 3Page - NXP Semiconductors SA575 Datasheet HTML 4Page - NXP Semiconductors SA575 Datasheet HTML 5Page - NXP Semiconductors SA575 Datasheet HTML 6Page - NXP Semiconductors SA575 Datasheet HTML 7Page - NXP Semiconductors SA575 Datasheet HTML 8Page - NXP Semiconductors SA575 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
SA575
Low voltage compandor
2
1997 Nov 07
853-1665 18666
DESCRIPTION
The SA575 is a precision dual gain control circuit designed for low
voltage applications. The SA575’s channel 1 is an expandor, while
channel 2 can be configured either for expandor, compressor, or
automatic level controller (ALC) application.
FEATURES
• Operating voltage range from 3V to 7V
• Reference voltage of 100mV
RMS = 0dB
• One dedicated summing op amp per channel and two extra
uncommitted op amps
• 600Ω drive capability
• Single or split supply operation
• Wide input/output swing capability
• 3000V ESD protection
APPLICATIONS
• Portable communications
• Cellular radio
• Cordless telephone
• Consumer audio
PIN CONFIGURATION
+VIN1
-VIN1
VOUT
1
RECT. IN1
CRECT1
COMP. IN1
VREF
GND
20 VCC
19 +VIN2
18 -VIN2
17 VOUT2
16 RECT.IN2
15 CRECT2
14 SUM OUT2
13 COMP.IN2
12 SUM NODE 2
11 GAIN CELL IN2
SUM OUT 1
D1 and DK Packages
NOTE:
1. Available in large SOL package only.
GAIN CELL IN1
1
2
3
4
5
6
7
8
9
10
SR00703
Figure 1. Pin Configuration
• Portable broadcast mixers
• Wireless microphones
• Modems
• Electric organs
• Hearing aids
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG
20-Pin Plastic Small Outline Large
-40 to +85
°C
SA575D
SOT163-1
20-Pin Plastic Shrink Small Outline Package (SSOP)
-40 to +85
°C
SA575DK
SOT266-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
SYMBOL
PARAMETER
SA575
UNITS
VCC
Single supply voltage
–0.3 to 8
V
VIN
Voltage applied to any other pin
–0.3 to (VCC+0.3)
V
TA
Operating ambient temperature range
-40 to +85
°C
TSTG
Storage temperature range
-65 to +150
°C
θJA
Thermal impedance
SOL
112
°C/W
SSOP
117
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com