Electronic Components Datasheet Search
  English  ▼

X  

MP1580HS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1580HS
Description  2A MP1580 Step Down Switch Mode Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1580HS Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1580HS Datasheet HTML 1Page - Monolithic Power Systems MP1580HS Datasheet HTML 2Page - Monolithic Power Systems MP1580HS Datasheet HTML 3Page - Monolithic Power Systems MP1580HS Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EV0007
2A MP1580 Step Down
Switch Mode Converter
EVALUATION BOARD
Monolithic Power Systems
Table 1: EV0007 Bill of Materials
#
Qty
Reference
Part Number
1
1
U1
MP1580HS
2
2
CN1, CN2
4 Pin Connector
3
1
CB
10nF 0603
4
1
CC
22nF 0603
5
1
CCA
100pF 0603
6
1
C1
10µF 25V 1210
7
1
C4
22µF 10V Y5V 1210
8
1
D1
B230/SM 2A 30V Schottky
9
1
L1
22µH
10
2
RC, R1
10KΩ 1%
11
1
R2A
2.32K 1%
12
1
R2B
4.75K 1%
13
1
R2C
10.5K 1%
14
1
R2D
16.9K 1%
15
1
R2E
30.9K 1%
Table 2. Recommended components for standard output voltages
VOUT
Jumper
Connection
L1 minimum
RC
1.22V
J1
6.8µH
4.7KΩ
1.5V
J2
6.8µH
4.7KΩ
1.8V
J3
10µH
4.7KΩ
2.5V
J4
10µH
10KΩ
3.3V
J5
15µH
10KΩ
5.0V
J6
22µH
10KΩ
EV0007 Rev 1.5_08/14/02
www.monolithicpower.com
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com