Electronic Components Datasheet Search
  English  ▼

X  

EV0033 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # EV0033
Description  1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0033 Datasheet(HTML) 4 Page - Monolithic Power Systems

  EV0033 Datasheet HTML 1Page - Monolithic Power Systems EV0033 Datasheet HTML 2Page - Monolithic Power Systems EV0033 Datasheet HTML 3Page - Monolithic Power Systems EV0033 Datasheet HTML 4Page - Monolithic Power Systems EV0033 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EV0033 – 1.2A, 6V, 800KHz SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
EVALUATION BOARD
EV0033 Rev. 1.4
www.MonolithicPower.com
4
4/22/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.3V, VOUT = 1.8V, TA = +25°C, unless otherwise noted.
MP1567-TPC01
Current Limit vs.
Duty Cycle
VOUT
50mV/div.
ILOAD
0.5A/div.
MP1567-TPC02
Load Transient
0.1A to 1A Load Step
VSS
1V/div.
VOUT
1V/div.
IIN
0.5A/div.
2ms/div.
MP1567-TPC03
VOUT
1V/div.
VSS
1mV/div.
IINDUCTOR
1A/div.
2ms/div.
MP1567-TPC04
Output Short Circuit
IOUT = 1A
VSW
2V/div.
IINDUCTOR
1A/div.
MP1567-TPC05
Steady State
2.5
2.0
1.5
1.0
0.5
0
0
20406080
DUTY CYCLE (%)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com