Electronic Components Datasheet Search
  English  ▼

X  

MP1567 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1567
Description  1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1567 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1567 Datasheet HTML 1Page - Monolithic Power Systems MP1567 Datasheet HTML 2Page - Monolithic Power Systems MP1567 Datasheet HTML 3Page - Monolithic Power Systems MP1567 Datasheet HTML 4Page - Monolithic Power Systems MP1567 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV0033 (MP1567)
1.2A, 6V, 800KHz Synchronous Rectified
Step-Down Converter
EVALUATION BOARD
EV0033 Rev. 1.4
www.MonolithicPower.com
1
4/22/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
GENERAL DESCRIPTION
The MP1567 is a 1.2A, 800KHz DC to DC
converter designed for low voltage applications
requiring high efficiency. Capable of providing
output voltages as low as 0.9V from a 3.3V
supply voltage, the MP1567 eliminates the
need for a 5V rail, providing over 90% efficiency
via synchronous rectification and eliminating
heat issues in confined spaces. Soft-start
operation protects internal circuitry from hard
turn on issues. Switching at 800KHz reduces
the size of external components and thereby
reduces board space.
The MP1567 includes cycle-by-cycle current
limiting and under voltage lockout. Internal
power switches combined with the tiny 10-pin
MSOP or QFN packages provide a solution
requiring a minimum of space.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
2.6 to 6
V
Output Voltage
VOUT
1.8
V
Output Current
IOUT
1.2
A
FEATURES
• 1.2A Output Current
• Synchronous Rectified
• Internal 180mΩ and 220mΩ Power Switches
• VIN Range of 2.6V to 6V
• Over 90% Efficiency
• Zero Current Shutdown Mode
• Under Voltage Lockout Protection
• Soft-Start Operation
• Thermal Shutdown
• Internal Current Limit (Source & Sink)
• Tiny 10-Pin MSOP Package
APPLICATIONS
• SOHO Routers, PCMCIA Cards, Mini PCI
• Handheld Computers, PDAs
• Cell Phones
• Digital Video Cameras
• Small LCD Displays
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
EV0033 EVALUATION BOARD
Dimensions (2.5”X x 2.0”Y x 0.4”Z)
Board Number
MPS IC Number
EV0033
MP1567DK
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
LOAD CURRENT (mA)
MP1567_EC01
Efficiency vs
Load Current
VIN=5V
VIN=4V
VIN=3.3V
VOUT=1.8V


Similar Part No. - MP1567

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
1.2A Synchronous Rectified Step-Down Converter
MP1567DK MPS-MP1567DK Datasheet
247Kb / 4P
MP1567: Buck Boost Lumileds White LED Driver
MP1567DK MPS-MP1567DK Datasheet
302Kb / 11P
1.2A Synchronous Rectified Step-Down Converter
MP1567DQ MPS-MP1567DQ Datasheet
207Kb / 5P
1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter
MP1567DQ MPS-MP1567DQ Datasheet
302Kb / 11P
1.2A Synchronous Rectified Step-Down Converter
More results

Similar Description - MP1567

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0060 MPS-EV0060 Datasheet
207Kb / 5P
1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
1.2A Synchronous Rectified Step-Down Converter
logo
Richtek Technology Corp...
RT7247C RICHTEK-RT7247C Datasheet
277Kb / 15P
2A, 18V, 800kHz Synchronous Step-Down Converter
RT7257G RICHTEK-RT7257G Datasheet
277Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MPM3810 MPS-MPM3810 Datasheet
902Kb / 17P
6V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
logo
Unisonic Technologies
P1482 UTC-P1482_17 Datasheet
233Kb / 5P
SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484 UTC-P1484_17 Datasheet
254Kb / 5P
SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD2776B TECHCODE-TD2776B Datasheet
935Kb / 14P
22V Synchronous Rectified Step-Down Converter
logo
ARTSCHIP ELECTRONICS CO...
MP1482 ARTSCHIP-MP1482 Datasheet
2Mb / 10P
Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com