Electronic Components Datasheet Search
  English  ▼

X  

MP1523DT Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1523DT
Description  6 White LEDs, 20mA Precision WLED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1523DT Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1523DT Datasheet HTML 1Page - Monolithic Power Systems MP1523DT Datasheet HTML 2Page - Monolithic Power Systems MP1523DT Datasheet HTML 3Page - Monolithic Power Systems MP1523DT Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV0035 – 6 WHITE LEDs, 20mA PRECISION WLED DRIVER EVALUATION BOARD
EV0035 Rev. 1.2
www.MonolithicPower.com
2
3/30/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
EVALUATION BOARD SCHEMATIC
EV0035_S01
MP1523
U1
EN
GND
1
5
3
4
2
SW
BIAS
FB
LED1
LED2
LED3
LED4
LED5
LED6
D1
MBR0540
VCC
GND
EN
J1
GND
C3
10nF
EV0035 BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
2
C1, C2
1µF
Ceramic Cap., 50V, X7R
1206
TDK
C3216X7R1H105K
1
C3
10nF
Ceramic Cap., 50V, X7R
0603
TDK
C1608X7R1H103K
1
D1
Diode Schottky, 40V, 500mA SOD-123
ON
Semiconductor
MBR0540T1
6
LED1 to
LED6
Not Stuffed
1
L1
15µH
Inductor, 450mA
SMD
Sumida
CDRH3D16-150NC
1
R1
100kΩ Film Res., 5%
0603
Panasonic
ERJ-3GEYJ104V
1
R2
20Ω
Film Res., 5%
0603
Panasonic
ERJ-3GEYJ200V
1
U1
White LED Driver
SOT23-5 MPS
MP1523DT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com