Electronic Components Datasheet Search
  English  ▼

X  

MP1517 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1517
Description  3A, 25V, 1.1MHz Step-Up Converter for WLED Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1517 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1517 Datasheet HTML 1Page - Monolithic Power Systems MP1517 Datasheet HTML 2Page - Monolithic Power Systems MP1517 Datasheet HTML 3Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EV0043 (MP1517)
3A, 25V, 1.1MHz
Step-Up Converter for WLED Applications
EVALUATION BOARD
EV0043 (MP1517) Rev. 1.1
www.MonolithicPower.com
1
2/17/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV1517 is the evaluation board used to
demonstrate the white LED driver capabilities of
the MP1517. The low 0.7V feedback voltage
offers higher efficiency in white LED driver
applications including cell phone camera flash.
Soft-start, cycle-by-cycle current limiting and
input
under
voltage
lockout
prevent
overstressing or damage to sensitive external
circuitry at startup and output short-circuit
conditions.
Current-mode
regulation
and
external compensation components allow the
MP1517 control loop to be optimized over a
wide variety of input voltages, output voltages
and load current conditions.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
(1)
VIN
2.6 to 5.5
V
LED Current (Torch)
IOUT1
20
mA
LED Current (Flash)
IOUT2
150
mA
Note:
1) 5.5V input voltage limit is specific to the application circuit on this
evaluation board. The input voltage limit of the MP1517 is 25V.
FEATURES
• 4A Peak Current Limit
• Low 700mV Feedback Threshold
• Internal 150mΩ Power Switch
• Input Range of 2.6V to 25V
• 95% Efficiency
• Zero Current Shutdown Mode
• Under Voltage Lockout Protection
• Open Load Protection
• Soft-Start Operation
• Thermal Shutdown
• Tiny QFN16 (4mm x 4mm) Package
APPLICATIONS
• Boost and SEPIC Regulators
• Handheld Computers
• Cell Phone Camera Flash, PDAs
• Digital Still and Video Cameras
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV0043 EVALUATION BOARD
Dimensions (2.5”X x 2.0”Y x 0.4”Z)
Board Number
MPS IC Number
EV0043
MP1517DR
VGATE
2V/div.
VOUT
10V/div.
20ms/div.
EV0043_TPC01
Waveform in Flash Mode


Similar Part No. - MP1517

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1517 MPS-MP1517 Datasheet
316Kb / 13P
3A, 25V, 1.1MHz Step-Up Converter
MP1517DR MPS-MP1517DR Datasheet
188Kb / 5P
3A, 25V, 1.1MHz Step-Up Converter
MP1517DR MPS-MP1517DR Datasheet
180Kb / 4P
3.3V, 1A Sepic Evaluation Board
MP1517DR MPS-MP1517DR Datasheet
316Kb / 13P
3A, 25V, 1.1MHz Step-Up Converter
More results

Similar Description - MP1517

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
logo
Monolithic Power System...
EV1517DR-00A MPS-EV1517DR-00A Datasheet
188Kb / 5P
3A, 25V, 1.1MHz Step-Up Converter
MP1517 MPS-MP1517 Datasheet
316Kb / 13P
3A, 25V, 1.1MHz Step-Up Converter
logo
National Semiconductor ...
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
Step-Up Converter for White LED Applications
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969 Datasheet
2Mb / 15P
Step-Up Converter for Handheld Applications
Rev 0; 9/11
MAX8969 MAXIM-MAX8969_12 Datasheet
1Mb / 15P
Step-Up Converter for Handheld Applications
Rev 1; 5/12
logo
Texas Instruments
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
Step-Up Converter for White LED Applications
logo
Maxim Integrated Produc...
MAX8969EWL33 MAXIM-MAX8969EWL33 Datasheet
2Mb / 15P
Step-Up Converter for Handheld Applications
Rev 1; 5/12
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
Step-Up Converter for White LED Applications
logo
Maxim Integrated Produc...
MAX8969 MAXIM-MAX8969_V01 Datasheet
1Mb / 18P
Step-Up Converter for Handheld Applications
2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com