Electronic Components Datasheet Search
  English  ▼

X  

MP7731 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7731
Description  Compact 25W Class D Stereo Bridged Audio Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7731 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7731 Datasheet HTML 1Page - Monolithic Power Systems MP7731 Datasheet HTML 2Page - Monolithic Power Systems MP7731 Datasheet HTML 3Page - Monolithic Power Systems MP7731 Datasheet HTML 4Page - Monolithic Power Systems MP7731 Datasheet HTML 5Page - Monolithic Power Systems MP7731 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV0045 (MP7731) COMPACT 25W CLASS D STEREO BRIDGED AUDIO AMPLIFIER
PRELIMINARY INFORMATION
06/04, Rev. 1.3
www.MonolithicPower.com
3
Table 1: EV0045 Stereo Full Bridge Bill of Materials
Item
Qty
Ref
Des
Value
Description
Package
Manufacturer
Manufacturer
Part Number
Distributor
Part Number
1
4
D3
Schottky Diode,
30V, 1A
SMB
IRF
MBRS130LTR
MBRS130LCT-ND
D5
D9
D11
2
5
D1
Rectifier Diode
SOD-323
Diodes Inc
1N4148WS-7
1N4148WSCT-ND
D6
D7
D12
D13
3
4
D2
Zener Diode, 6.2V
SOD-323
Diodes Inc
BZT52C6V2S-7
BZT52C6V2SDICT-ND
D4
D8
D10
4
2
C2
22uF
Tantalum Cap., 25V
SMD
Panasonic
ECS-T1E0226R
PCS5226CT-ND
C17
5
4
C6
1uF
Ceramic Capacitor,
16V, X5R
SM0603
Panasonic
ECJ-1VB1C105K
PCC2224CT-ND
C9
C21
C24
6
4
C4
2200pF
Ceramic Capacitor,
50V, X7R
SM0603
Panasonic
ECU-V1H222KBV PCC222BVCT-ND
C10
C19
C25
7
2
C13
4.7uF
Ceramic Capacitor,
16V, X5R
SM1206
Panasonic
ECJ-3YB1C475M PCC2226CT-ND
C16
8
4
C1
15pF
Ceramic Capacitor,
50V, NPO
SM0603
Panasonic
ECJ-1VC1H150J
PCC150ACVCT-ND
C14
C15
C28
9
4
C5
1uF
Ceramic Capacitor,
16V, X5R
SM0805
Panasonic
ECJ-2FB1C105K
PCC2249CT-ND
C11
C20
C26
10
4
C3
1uF
Ceramic Capacitor,
25V, X7R
SM1206
Panasonic
ECJ-3YB1E105K
PCC1893CT-ND
C8
C18
C23
Distributor: Digikey



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com