Electronic Components Datasheet Search
  English  ▼

X  

EV0060 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # EV0060
Description  1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0060 Datasheet(HTML) 2 Page - Monolithic Power Systems

  EV0060 Datasheet HTML 1Page - Monolithic Power Systems EV0060 Datasheet HTML 2Page - Monolithic Power Systems EV0060 Datasheet HTML 3Page - Monolithic Power Systems EV0060 Datasheet HTML 4Page - Monolithic Power Systems EV0060 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV0060 – 1.2A, 6V, 800KHz SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
EVALUATION BOARD
EV0060 Rev. 1.2
www.MonolithicPower.com
2
4/22/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MP1567
BS
SGND
PGND
SW
IN
10
6
7
8
9
1
5
4
3
2
EN
SS
FB
COMP
BP
C1
NS
IN
GND
OUT
GND
C9
NS
C11
10nF
C3
10nF
D1
MBR0520L
EN
U1
C6
NS
EV0060_S01
C4
NS
C7
10nF
C10
10nF
C5
4.7nF
EV0060 BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
P/N
Distributor
P/N
4
C1, C4,
C6, C9
NS
Not Stuffed
2
C2, C8
10µF
Capacitor
4
C3, C7,
C10, C11
10nF
Capacitor
1
C5
4.7nF
Capacitor
1
D1
Diode
MBR0520L
1
L1
6.2µH
Inductor
Sumida
CDRH5D18
1
R1
0Ω
1
R2
4.99kΩ
Resistor
2
R3, R4
10kΩ
Resistor, 1%
1
U1
Step-Down Converter
QFN10
MPS
MP1567DK



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com