Electronic Components Datasheet Search
  English  ▼

X  

MP1517DR Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1517DR
Description  3.3V, 1A Sepic Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1517DR Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1517DR Datasheet HTML 1Page - Monolithic Power Systems MP1517DR Datasheet HTML 2Page - Monolithic Power Systems MP1517DR Datasheet HTML 3Page - Monolithic Power Systems MP1517DR Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV1517DR-00B
3.3V, 1A Sepic
Evaluation Board
EV1517DR-00B Rev. 1.0
www.MonolithicPower.com
1
12/21/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
GENERAL DESCRIPTION
The EV1517DR-00B is a MP1517 evaluation board
that is configured to provide a regulated 3.3V output
at up to 1A from a 3V to 4.2V input. The output
voltage is adjustable by changing resistors on the
evaluation board. The high 1.1MHz switching
frequency allows for smaller external components
producing a compact solution for a wide range of
load currents. Soft-start, cycle-by-cycle current
limiting, and input under voltage lockout prevent
overstressing or damage to sensitive external
circuitry at startup and output short-circuit conditions.
Current-mode regulation and external compensation
components allow the MP1517 control loop to be
optimized over a wide variety of input voltage, output
voltage, and load current conditions.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
3-4.2
V
Output Voltage
VOUT
3.3
V
Output Current
IOUT
1
A
FEATURES
• Provides 3.3V, 1A Output from as Low as
3V Input
• Over 80% Efficiency
• Inherent Output Disconnect at Shutdown Mode
• 1.1MHz Switching Frequency
• 0.5µA Shutdown Current
• Fully Assembled and Tested
APPLICATIONS
• Boost and SEPIC Regulators
• Handheld Computers
• Cell Phone Camera Flash, PDAs
• Digital Still and Video Cameras
“MPS” and “The Future of Analog IC Technology”, are Trademarks of Monolithic
Power Systems, Inc.
EV1517DR-00B EVALUATION BOARD
(L x W x H) 2.0” x 2.0” x 0.4”
(5cm x 5cm x 1cm)
Board Number
MPS IC Number
EV1517DR-00B
MP1517DR
90
80
70
60
50
40
30
20
10
0
1
10
100
1000
LOAD CURRENT (mA)
MP1517-EC01
Efficiency vs
Load Current
VIN=3V
VIN=3.6V
VIN=4.2V


Similar Part No. - MP1517DR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1517DR MPS-MP1517DR Datasheet
198Kb / 3P
3A, 25V, 1.1MHz Step-Up Converter for WLED Applications
MP1517DR MPS-MP1517DR Datasheet
188Kb / 5P
3A, 25V, 1.1MHz Step-Up Converter
MP1517DR MPS-MP1517DR Datasheet
316Kb / 13P
3A, 25V, 1.1MHz Step-Up Converter
More results

Similar Description - MP1517DR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
logo
Monolithic Power System...
EV2309DS-00A MPS-EV2309DS-00A Datasheet
205Kb / 4P
1A, 23V, 340KHz Synchronous Step-Down Converter Evaluation Board
logo
STMicroelectronics
EVAL6902D STMICROELECTRONICS-EVAL6902D Datasheet
74Kb / 4P
L6902D 1A Constant current battery charger evaluation board
17-Oct-2006
logo
National Semiconductor ...
LM3414HV NSC-LM3414HV Datasheet
2Mb / 12P
1A 65V LED Driver Evaluation Board Switching frequency: 500 kHz
LM3421 NSC-LM3421_11 Datasheet
6Mb / 20P
LM3421 SEPIC LED Driver Evaluation Board for Automotive Applications
logo
Texas Instruments
LM3414HV TI1-LM3414HV Datasheet
2Mb / 15P
1A 65V LED Driver Evaluation Board
logo
Microchip Technology
MCP1650 MICROCHIP-MCP1650_05 Datasheet
330Kb / 22P
MCP1650 SEPIC DEMO BOARD
08/24/05
logo
Monolithic Power System...
EV2269-D-00A MPS-EV2269-D-00A Datasheet
759Kb / 6P
30V, 1A, Low IQ Step-Down Converter Evaluation Board
EV24183DQ-00B MPS-EV24183DQ-00B Datasheet
170Kb / 5P
1A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV24183DQ-00C MPS-EV24183DQ-00C Datasheet
259Kb / 5P
1A, 55V, Programmable Frequency White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com