Electronic Components Datasheet Search
  English  ▼

X  

SA576 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA576
Description  Low power compandor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA576 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA576 Datasheet HTML 1Page - NXP Semiconductors SA576 Datasheet HTML 2Page - NXP Semiconductors SA576 Datasheet HTML 3Page - NXP Semiconductors SA576 Datasheet HTML 4Page - NXP Semiconductors SA576 Datasheet HTML 5Page - NXP Semiconductors SA576 Datasheet HTML 6Page - NXP Semiconductors SA576 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
SA576
Low power compandor
10–2
1997 Aug 14
853-1536 18287
DESCRIPTION
The SA576 is a unity gain level programmable compandor designed
for low power applications. The SA576 is internally configured as an
expandor and a compressor to minimize external component count.
The SA576 can operate at 1.8V. During normal operations, the
SA576 can operate from at least a 2V battery. If the battery voltage
drops to 1.8V, this part will still continue to function, however, turning
on the part at a VCC of 1.8V requires two external resistors to bring
VREF to half VCC. One resistor connects between VCC and VREF;
the other connects from VREF to ground. A typical value for these
external resistors is approximately 20k. A lower value can be used,
but the power consumption will go up.
The SA576 is available in a 14-pin plastic DIP and SO packages.
FEATURES
• Operating voltage range: 1.8V to 7V
• Low power consumption
(1.4mA @ 3.6V)
• Over 80dB of dynamic range
• Wide input/output swing capability
(rail-to-rail)
• Low external component count
• ESD hardened
PIN CONFIGURATION
GCELLIN
RECTIN
EXPCAP
EXPOUT
VREF
GND
VCC
COMPCAP2
COMPIN
COMPCAP1
RECTIN
GCELLIN
COMPOUT
IREF
D and N Packages
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SR00713
Figure 1. Pin Configuration
APPLICATIONS
• Cordless telephone
• Consumer audio
• Wireless microphones
• Modems
• Electric organs
• Hearing aids
• Automatic level control
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
14-Pin Plastic Dual In-Line Package (DIP)
–40 to +85
°C
SA576N
SOT27-1
14-Pin Plastic Small Outline (SO)
–40 to +85
°C
SA576D
SOT108-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
SYMBOL
PARAMETER
SA576
UNITS
VCC
Supply voltage
8
V
TA
Operating ambient temperature range
–40 to +85
°C
TSTG
Storage temperature range
–65 to +150
°C
θJA
Thermal impedance
DIP
SO
90
125
°C/W
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com