Electronic Components Datasheet Search
  English  ▼

X  

MP1527DR Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1527DR
Description  1.3MHz Low Power LED Torch/Flash Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1527DR Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1527DR Datasheet HTML 1Page - Monolithic Power Systems MP1527DR Datasheet HTML 2Page - Monolithic Power Systems MP1527DR Datasheet HTML 3Page - Monolithic Power Systems MP1527DR Datasheet HTML 4Page - Monolithic Power Systems MP1527DR Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EV1527DR-02A - 1.3MHZ LOW POWER LED TORCH/FLASH DRIVER
EVALUATION BOARD
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV1527DR-02A Rev. 1.0
www.MonolithicPower.com
5
9/21/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect a Lumileds DS25 to LED terminals on the EV1527DR-02A board.
2. Preset the power supply to 3V - 4.2V.
3. Turn the power supply off.
4. Connect the power supply terminals to:
a. Positive (+): VIN
b. Negative (–): GND
5. Connect EN to VIN.
6. Turn on the power supply after making said connections.
7. The MP1527 is enabled on the demo board once VIN is applied.
8. Drive FLASH of Q1 with a pulsed signal (3V or above for High, 0V for Low) to switch between
two (2) LED currents.
9. IOUT1 is set to 150mA on the board.
10. IOUT2 is set to 750mA on the board.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com