Electronic Components Datasheet Search
  English  ▼

X  

MP1542DK Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1542DK
Description  700KHz/1.3MHz Boost Converter with a 2A Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1542DK Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1542DK Datasheet HTML 1Page - Monolithic Power Systems MP1542DK Datasheet HTML 2Page - Monolithic Power Systems MP1542DK Datasheet HTML 3Page - Monolithic Power Systems MP1542DK Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV1542DK-SEPIC-00A — 700KHz/1.3MHz SEPIC CONVERTER WITH A 2A SWITCH
EVALUATION BOARD
EV1542DK-SEPIC-00A Rev. 1.0
www.MonolithicPower.com
2
6/15/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EVALUATION BOARD SCHEMATIC
MP1542
IN
FB
SW
COMP
7
3
8
GND
EN
FSEL
SS
5
6
4
2
1
VOUT
3.3V
0.5A
GND
C3
1nF
C6
NS
D1
1N5819HW-7
D2
1N4148
T1
COOPER
DRQ73-3R3
EV1542-SEPIC_S01
C4
22nF
C2B
NS
VIN
3V - 4.2V
GND
EN
U1
JP1
FREQUENCY
SELECTION
EV1542DK-SEPIC-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
2
C1A, C1B
10µF
Ceramic Cap, 6.3V, X5R
1210
TDK
C3225X5R1A106K
1
C2A
22µF
Ceramic Cap, 6.3V, X5R
1210
TDK
C3225X5R0J226M
1
C3
1nF
Ceramic Cap, 50V, X7R
0805
TDK
C2012X7R1H102K
1
C4
22nF
Ceramic Cap, 100V, X7R
0805
TDK
C2012X7R2A223M
1
C5
4.7µF
Ceramic Cap, 10V, Y5V
0805
TDK
C2012Y5V1A475Z
2
C6, C2B
NS
Not Stuffed
1
C7
1µF
Ceramic Cap, 10V, X5R
0805
TDK
C2012X5R1A105K
1
D1
Schottky Diode, 40V, 1A
SOD-123
Diodes Inc
1N5819HW-7
1
D2
Rectifier Diode, 75V, 200mW
SOD-323
Diodes Inc
1N4148WS-7
1
JP1
3-Pin Connector Header, 0.100
Sullins
PTC03SAAN
1
L1
3.3µH Transformer, 1.66A
Cooper
DRQ73-3R3
1
R1
16.4kΩ Metal Film Resistor, 1%
0805
Panasonic
ERJ-6ENF1642V
1
R2
10kΩ
Metal Film Resistor, 1%
0805
Panasonic
ERJ-6ENF1002V
1
R3
20kΩ
Metal Film Resistor, 5%
0805
Panasonic
ERJ-6GEYJ203V
2
R4, R5
100kΩ Metal Film Resistor, 5%
0805
Panasonic
ERJ-6GEYJ104V
1
U1
DC-DC Converter
MSOP8
MPS
MP1542DK



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com