Electronic Components Datasheet Search
  English  ▼

X  

MP1570 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1570
Description  3A, 23V, 340KHz Synchronous Step-Down Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1570 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1570 Datasheet HTML 1Page - Monolithic Power Systems MP1570 Datasheet HTML 2Page - Monolithic Power Systems MP1570 Datasheet HTML 3Page - Monolithic Power Systems MP1570 Datasheet HTML 4Page - Monolithic Power Systems MP1570 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV1570DN-00A
3A, 23V, 340KHz
Synchronous Step-Down Converter
EVALUATION BOARD – INITIAL RELEASE
EV1570DN-00A Rev. 1.1
www.MonolithicPower.com
1
4/6/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
GENERAL DESCRIPTION
The EV1570DN-00A is the evaluation board of
MPS’ MP1570 synchronous buck converter. It
has a wide supply range from 4.75V to 23V and
a continuous output current up to 3A. It features
synchronous rectification for high efficiency with
integrated
high-side
and
low-side
power
MOSFETs. The output voltage is set to 3.3V,
but can be easily adjusted to other levels from
1.22V. Current mode control and integrated
power MOSFETs minimize component counts,
board area, and solution cost. Fault condition
protections include cycle-by-cycle current limiting,
thermal shutdown, over voltage protection and
under voltage lockout. Internal soft-start reduces
turn-on stress. Small but thermally enhanced
SO-8 package minimizes board area with
excellent thermal management.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Supply Voltage
VIN
4.75 to 23
V
Output Voltage
VOUT
3.3
V
Output Current
IOUT
0 to 3
A
FEATURES
• Up to 3A Output Current
• Wide 4.75V to 23V Operating Input Range
• Monolithic Synchronous Buck with 100mΩ
High-Side and Low-Side FETs
• Fixed 340KHz Frequency
• All Ceramic Input and Output Capacitors
• Programmable Soft-Start
• Programmable Input Under Voltage Lockout
APPLICATIONS
• Distributed Power Systems
• Pre-Regulator for Linear Regulators
• Notebook Computers
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
EV1570DN-00A EVALUATION BOARD
(2”X x 1.5”Y x 0.5”Z)
Board Number
MPS IC Number
EV1570DN-00A
MP1570
100
95
90
85
80
75
70
65
60
55
50
0
1.0
2.0
3.0
2.5
1.5
0.5
3.5
LOAD CURRENT (A)
MP1570-EC01
Efficiency vs
Load Current
VIN = 5V
VIN = 23V
VIN = 12V


Similar Part No. - MP1570

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1570 MPS-MP1570 Datasheet
326Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP1570DN MPS-MP1570DN Datasheet
326Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
More results

Similar Description - MP1570

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2307DN-00A MPS-EV2307DN-00A Datasheet
222Kb / 4P
3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8296A RICHTEK-RT8296A Datasheet
290Kb / 14P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8250GSP RICHTEK-RT8250GSP Datasheet
207Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Feeling Technology Corp...
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
3A, 23V, 340KHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com