Electronic Components Datasheet Search
  English  ▼

X  

MP2106DQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2106DQ
Description  2.6V to 15V IN, 1.5A OUT Synchronous Buck Converter Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2106DQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2106DQ Datasheet HTML 1Page - Monolithic Power Systems MP2106DQ Datasheet HTML 2Page - Monolithic Power Systems MP2106DQ Datasheet HTML 3Page - Monolithic Power Systems MP2106DQ Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV2106DQ/DK-00A – 2.6V TO 15V IN, 1.5A OUT SYNCHRONOUS BUCK EV BOARD
EV2106DQ/DK-00A Rev. 1.3
www.MonolithicPower.com
2
11/18/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MP2106
BST
VIN
FB
LX
SGND
VREF
PGND
RUN
SS
COMP
C7
10nF
C4
NS
C6
NS
C1
NS
C11
NS
3
2
6
1
8
7
5
4
9
10
C9
NS
VOUT
D1
1N5819
C3
10nF
R5
NS
C10
10nF
C5
3.3nF
OFF ON
VIN
EV2106_S01
EV2106DQ/DK-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package Manufacturer
Manufacturer P/N
5
C1, C4, C6, C9,
C11
Do Not Stuff
1
C2
(1)
10µF
Ceramic Cap, 10V, X7R
SM1210 AVX
1210ZC106KAT2A
1
C8
22µF
Ceramic Cap, 6.3V, X5R
SM1210 TDK
C3225X5R0J226M
3
C3, C7, C10
10nF
Ceramic Cap, 50V, X7R
SM0805 AVX
08055C103KAT2A
1
C5
3.3nF Ceramic Cap, 50V, X7R
SM0805 AVX
08055C332KAT2A
1
D1
Schottky Diode, 40V, 1A
SOD123 Diodes Inc
1N5819HW-7
1
L1
5µH
Inductor, 2.2A
SMD
Sumida
CDRH6D26-5R0
1
R1
100kΩ Film Res, 5%
SM0805 Panasonic
ERJ-6GEYJ104V
1
R2
6.8kΩ Film Res, 5%
SM0805 Panasonic
ERJ-6GEYJ682V
2
R3, R4
10kΩ
Film Res, 1%
SM0805 Panasonic
ERJ-6ENF1002V
1
R5
Do Not Stuff
1
U1
DC-DC Converter
QFN10
MPS
MP2106DQ
Note:
1) For VIN > 10V, use a 16V capacitor for C2.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com