Electronic Components Datasheet Search
  English  ▼

X  

MP2351 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2351
Description  4.75V to 23V Input, 1.5A Output Step-Down DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2351 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2351 Datasheet HTML 1Page - Monolithic Power Systems MP2351 Datasheet HTML 2Page - Monolithic Power Systems MP2351 Datasheet HTML 3Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EV2351DQ-00A – 4.75V TO 23V INPUT, 1.5A OUTPUT STEP-DOWN CONVERTER
EVALUATION BOARD - INITIAL RELEASE
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV2351DQ-00A Rev. 1.1
www.MonolithicPower.com
3
3/29/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
PRINTED CIRCUIT BOARD LAYOUT
Figure 1—Top Silk Layer
Figure 2—Top Layer
Figure 3—Bottom Layer
QUICK START GUIDE
1. Connect the positive terminal of the load to VOUT pins, and the negative terminal of the load to
GND pins
2. Preset the power supply output to 4.75V – 23V and turn off the power supply.
3. Connect the positive terminal of the power supply output to the VIN pin and the negative
terminal of the power supply output to the GND pin
4. Turn the power supply on. The MP2351 will automatically startup.
5. To use the Enable function, apply a digital input to EN pin. Drive EN higher than 2.5V to turn on
the regulator, drive EN less than 0.7V to turn it off.
6. An input under voltage lockout (UVLO) function can be implemented by the addition of a resistor
divider R4 and R5.
The EN threshold is 2.5V, so VIN UVLO threshold is:
V
5
.
2
5
R
4
R
1
×
⎟
⎠
⎞
⎜
⎝
⎛ +
.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com