Electronic Components Datasheet Search
  English  ▼

X  

RM110N90DF Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RM110N90DF
Description  N-Channel Trench MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM110N90DF Datasheet(HTML) 2 Page - Rectron Semiconductor

  RM110N90DF Datasheet HTML 1Page - Rectron Semiconductor RM110N90DF Datasheet HTML 2Page - Rectron Semiconductor RM110N90DF Datasheet HTML 3Page - Rectron Semiconductor RM110N90DF Datasheet HTML 4Page - Rectron Semiconductor RM110N90DF Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Thermal Data
Typ.
Max
--
55.0
--
1.2
Electrical Characteristics(TJ=25℃,unless otherwise noted)
Min
Typ
Max
Unit
90
95
--
V
1.8
2.5
4
V
--
--
1
uA
--
--
±100
nA
IGSS
Symbol
Parameter
RθJc
Thermal Resistance-Junction to Case
℃
/W
Limit
Symbol
Parameter
RθJA
Thermal Resistance-Junction to Ambient
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
VDS=VGS, ID=250uA
VDS=90V, VGS=0V
VGS=±20V, VDS=0V
Gate Threshold Voltage
Gate -Source Leakage Current
IDSS
Drain-Source Leakage Current
VGS(th)
Static Characteristic
--
4.2
4.7
mΩ
--
3200
--
--
430
--
--
35
--
--
12
--
--
16
--
--
44
--
--
75
--
--
36
--
--
11
--
--
12
--
--
--
1.2
V
--
46
--
nS
182
C
Qg
Total Gate Charge
VGS=10V, ID=20A
td(off)
tf
Reverse diode Characteristic
Gate Charge Characteristic
nS
VSD
Forward on voltage
trr
Reverse Recovery Time
Qgs
Gate-Source Charge
VDS=30V, VGS=10V,
ID=30A
nC
Turn-off Delay Time
Q
RR
Ch
ISD=20A, VGS=0V
VR=0V,IF=20A, DIF/dt=100A/uS
Qgd
Ciss
Dynamic Characteristic
Turn-On Rise Time
VDS=40V,VGS=0V,f=1MHz
pF
Coss
RDS(ON)
td(on)
tr
Crss
Turn-Off Fall Time
Turn-On Delay Time
VDS=40V,VGS=10V ,
RG=2Ω, ID=20A
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Static Drain-Source On-Resistance
Gate-Drain Charge
--
182
--
nC
Qrr
Reverse Recovery Charge



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com