Electronic Components Datasheet Search
  English  ▼

X  

RM138 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RM138
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM138 Datasheet(HTML) 1 Page - Rectron Semiconductor

  RM138 Datasheet HTML 1Page - Rectron Semiconductor RM138 Datasheet HTML 2Page - Rectron Semiconductor RM138 Datasheet HTML 3Page - Rectron Semiconductor RM138 Datasheet HTML 4Page - Rectron Semiconductor RM138 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
N-Channel Enhancement Mode Power MOSFET
General Features
VDS = 50V,ID = 0.22A
RDS(ON) < 6Ω @ VGS
RDS(ON) < 3.5Ω @ VGS=10V
Lead free product is acquired
Surface mount package
Application
Direct logic-level interface: TTL/CMOS
Drivers: relays, solenoids, lamps, hammers , display,
memories, transistors, etc.
Battery operated systems
Solid-state relays
Schematic diagram
Marking and pin assignment
SOT-23 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
SS
RM138
SOT-23
Ø180mm
8 mm
3000 units
Absolute Maximum Ratings (TA=25
unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
50
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
0.22
A
Drain Current-Pulsed
(Note 1)
IDM
0.88
A
Maximum Power Dissipation
PD
0.35
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
350
/W
Electrical Characteristics (TA=25
unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
50
65
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=50V,VGS=0V
-
-
0.5
μA
RM138
SS
Halogen-free
2020
REV:
-
E
02/15
P/N suffix V means AEC-Q101 qualified, e.g:RM138V
4.5V
=4.5V
=4.5V


Similar Part No. - RM138

ManufacturerPart #DatasheetDescription
logo
GIACOMINI WATER E-MOTIO...
RM138Y033 GIACOMINI-RM138Y033 Datasheet
3Mb / 18P
Multijaw press fittings
RM138Y038 GIACOMINI-RM138Y038 Datasheet
3Mb / 18P
Multijaw press fittings
More results

Similar Description - RM138

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com