Electronic Components Datasheet Search
  English  ▼

X  

SA5777AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA5777AD
Description  Dual air-core gauge driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5777AD Datasheet(HTML) 3 Page - NXP Semiconductors

  SA5777AD Datasheet HTML 1Page - NXP Semiconductors SA5777AD Datasheet HTML 2Page - NXP Semiconductors SA5777AD Datasheet HTML 3Page - NXP Semiconductors SA5777AD Datasheet HTML 4Page - NXP Semiconductors SA5777AD Datasheet HTML 5Page - NXP Semiconductors SA5777AD Datasheet HTML 6Page - NXP Semiconductors SA5777AD Datasheet HTML 7Page - NXP Semiconductors SA5777AD Datasheet HTML 8Page - NXP Semiconductors SA5777AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
SA5777A
Dual air-core gauge driver
1999 Sep 20
3
BLOCK DIAGRAM
8
9-BIT LATCH
FAULT
DETECTION
7 + – BIT
DAC
10-BIT
SHIFT REGISTER
9-BIT LATCH
10-BIT
SHIFT REGISTER
7 + – BIT
DAC
MUX
MUX
8
CS
ST
COM
C2+
C2–
C1+
C1–
VBB
VBB
VCC
DIN
SCLK
DOUT
VBB/2
OE
SL00461
Figure 2. Block diagram
Table 1.
SA5777A Pin Descriptions for the N Package (Dual In-Line)
Pin #
Name
Function
1.
C1–
Negative output connection to the TAN coil of meter #1.
2.
C1+
Positive output connection to the TAN coil of meter #1.
3.
AGND
Ground for VBB supply. Pins 3, 12 and 13 should be connected on the circuit board.
4.
VBB
Analog supply. Nominally 13.5 V.
5.
DATAOUT
Serial data output. Output of the internal shift register. When a new data word is shifted in, the old word is shifted out the
DATAOUT pin. DATAOUT output is always active.
6.
DATAIN
Serial data input. A new data word is serially shifted into the part on the rising edge of SCLK. The data is shifted in MSB
first, gauge 1 first.
7.
VCC
5 V logic supply. The internal latches and registers are set to zero on the rising edge of this signal.
8.
OE
Output drivers are turned off when this input is low.
9.
SCLK
Serial clock input. Data is loaded into the part on the rising edge of SCLK. Data is shifted out of DATAOUT on the falling
edge of SCLK.
10.
CS
Active high chip select input. When CS is high, the part is enabled to receive a new serial input word. The high-to-low
transition of CS loads the new 20-bit word into the DAC registers and updates the output.
11.
ST
Status output. This is an open drain output and goes low when the coil output buffers (C1+, C1–, C2+, C2–, COM) have
been disabled. The coil outputs may be disabled due to shorted outputs, over-temperature conditions, power-on reset,
or by the output enable (OE) pin. Multiple status outputs , ST, may be wire OR’ed together.
12.
DGND
Ground for VCC supply. Connect to Pins 3 and 13.
13.
AGND
Ground for VBB supply. Connect to Pins 3 and 12.
14.
COM
Output drive for biased coils. This output will be 1/2 of VBB.
15.
C2–
Negative output connection to the TAN coil of meter #2.
16.
C2+
Positive output connection to the TAN coil of meter #2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com