Electronic Components Datasheet Search
  English  ▼

X  

SA578 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA578
Description  Unity gain level programmable low power compandor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA578 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA578 Datasheet HTML 1Page - NXP Semiconductors SA578 Datasheet HTML 2Page - NXP Semiconductors SA578 Datasheet HTML 3Page - NXP Semiconductors SA578 Datasheet HTML 4Page - NXP Semiconductors SA578 Datasheet HTML 5Page - NXP Semiconductors SA578 Datasheet HTML 6Page - NXP Semiconductors SA578 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
SA578
Unity gain level programmable low power compandor
2
1997 Nov 07
853-1537 18660
DESCRIPTION
The SA578 is a unity gain level programmable compandor designed
for low power applications. The SA578 is internally configured as an
expandor and a compressor to minimize external component count.
The summing amplifiers of the SA578 have 600
Ω drive capability
and the inverting input of the compressor amplifier is accessible
through Pin 9 for summing multiple external signals. Power
Down/Mute function is active low and requires an open collector
output logic configuration at Pin 8. If Power Down/Mute is not
needed, Pin 8 should be left open. When the part is muted, supply
current drops to 170mA at 3.6V.
FEATURES
• Operating voltage range: 1.8V to 7V
• Low power consumption (1.4mA @ 3.6V)
• 0dB level programmable
(10mVRMS to 1.0VRMS)
• Over 90dB of dynamic range
• Wide input/output swing capability
• Low external component count
• SA578 meets cellular radio specifications
• ESD hardened
• Power Down mode (I
CC = 170µA @ 3.6V)
• Mute function
• Multiple external summing capability
• 600Ω drive capability
PIN CONFIGURATION
GCELLIN
RECTIN
EXPCAP
EXPOUT
VREF
GND
VCC
COMPCAP2
COMPIN
COMPCAP1
RECTIN
GCELLIN
COMPOUT
IREF
D Package
1
2
3
4
5
6
7
16
15
14
13
12
11
10
89
PWRDN/
MUTE
SUM NODE
SR00719
Figure 1. Pin Configuration
APPLICATIONS
• High performance portable communications
• Cellular radio
• Cordless telephone
• Consumer audio
• Wireless microphones
• Modems
• Electric organs
• Hearing aids
• Automatic level control (ALC)
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Plastic Small Outline (SO)
–40 to +85
°C
SA578D
SOT109-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
SYMBOL
PARAMETER
SA578
UNITS
VCC
Supply voltage
8
V
TA
Operating ambient temperature range
–40 to +85
°C
TSTG
Storage temperature range
–65 to +150
°C
θJA
Thermal impedance
SO
125
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com