Electronic Components Datasheet Search
  English  ▼

X  

SA602A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA602A
Description  Double-balanced mixer and oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA602A Datasheet(HTML) 2 Page - NXP Semiconductors

  SA602A Datasheet HTML 1Page - NXP Semiconductors SA602A Datasheet HTML 2Page - NXP Semiconductors SA602A Datasheet HTML 3Page - NXP Semiconductors SA602A Datasheet HTML 4Page - NXP Semiconductors SA602A Datasheet HTML 5Page - NXP Semiconductors SA602A Datasheet HTML 6Page - NXP Semiconductors SA602A Datasheet HTML 7Page - NXP Semiconductors SA602A Datasheet HTML 8Page - NXP Semiconductors SA602A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors
Product specification
SA602A
Double-balanced mixer and oscillator
2
1997 Nov 07
853-1424 18662
DESCRIPTION
The SA602A is a low-power VHF monolithic double-balanced mixer
with input amplifier, on-board oscillator, and voltage regulator. It is
intended for high performance, low power communication systems.
The guaranteed parameters of the SA602A make this device
particularly well suited for cellular radio applications. The mixer is a
“Gilbert cell” multiplier configuration which typically provides 18dB of
gain at 45MHz. The oscillator will operate to 200MHz. It can be
configured as a crystal oscillator, a tuned tank oscillator, or a buffer
for an external LO. For higher frequencies the LO input may be
externally driven. The noise figure at 45MHz is typically less than
5dB. The gain, intercept performance, low-power and noise
characteristics make the SA602A a superior choice for
high-performance battery operated equipment. It is available in an
8-lead dual in-line plastic package and an 8-lead SO (surface-mount
miniature package).
FEATURES
• Low current consumption: 2.4mA typical
• Excellent noise figure: <4.7dB typical at 45MHz
• High operating frequency
• Excellent gain, intercept and sensitivity
• Low external parts count; suitable for crystal/ceramic filters
• SA602A meets cellular radio specifications
PIN CONFIGURATION
INA
INB
GND
OUTA
VCC
OSCB
1
2
3
45
6
7
8
OSCE
OUTB
D and N Packages
SR00068
Figure 1. Pin Configuration
APPLICATIONS
• Cellular radio mixer/oscillator
• Portable radio
• VHF transceivers
• RF data links
• HF/VHF frequency conversion
• Instrumentation frequency conversion
• Broadband LANs
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Dual In-Line Plastic (DIP)
-40 to +85
°C
SA602AN
SOT97-1
8-Pin Plastic Small Outline (SO) package (Surface-mount)
-40 to +85
°C
SA602AD
SOT96-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Maximum operating voltage
9
V
TSTG
Storage temperature range
-65 to +150
°C
TA
Operating ambient temperature range SA602A
-40 to +85
°C
θJA
Thermal impedance
D package
90
°C/W
N package
75
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com