Electronic Components Datasheet Search
  English  ▼

X  

SFF11N80 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFF11N80
Description  11 AMP / 800 Volts 0.95 廓 N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF11N80 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFF11N80 Datasheet HTML 1Page - Solid States Devices, Inc SFF11N80 Datasheet HTML 2Page - Solid States Devices, Inc SFF11N80 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF11N80 Series
Electrical Characteristics 4/
Symbol
Min
Typ
Max
Units
Drain to Source Breakdown Voltage
(VGS = 0V, ID = 250µA)
BVDSS
800
––
––
Volts
Drain to Source On State Resistance
(VGS = 10V, ID = 5.5A)
RDS(on)
––
––
0.95
Ω
On State Drain Current
(VDS > ID(on) x RDS(on) Max, VGS = 10V)
ID(on)
11
––
––
A
Gate Threshold Voltage
(VDS = VGS, ID = 250µA)
VGS(th)
2.0
––
4.5
V
Gate to Source Leakage
(VGS = ±20V)
IGSS
––
––
±100
nA
Zero Gate Voltage Drain Current
(VGS = 0V)
VDS = 800V, TA = 25ºC
VDS = 640V, TA = 125ºC
IDSS
––
––
––
––
250
1.0
µA
mA
Forward Transconductance *
(VDS > ID(on) x RDS(on) Max, ID = 5.5A)
gfs
8.0
14
––
Mho
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = 10V
VDS = 640V
ID = 5.5A
Qg
Qgs
Qgd
––
––
––
128
30
55
145
55
80
nC
Turn on Delay Time
Rise Time
Turn on Delay Time
Fall Time
VDS = 400V
ID = 5.5A
RG = 2.0Ω
td(on)
tr
td(off)
tf
––
––
––
––
20
33
63
32
50
50
100
50
nsec
Diode Forward Voltage *
(IF = 11A, VGS = 0V)
VSD
––
––
1.5
V
Diode Reverse Recovery Time
(IF = 11A, di/dt = 100A/µsec)
trr
––
––
550
nsec
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
Ciss
Coss
Crss
––
––
––
4200
360
100
––
––
––
pF
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Available Part Numbers:
SFF11N80M; SFF11N80MDB; SFF11N80MUB;
SFF11N80Z; SFF11N80ZDB; SFF11N80ZUB;
PIN ASSIGNMENT (Standard)
Package
Drain
Source
Gate
TO-254 (M)
Pin 1
Pin 2
Pin 3
TO-254Z (Z)
Pin 1
Pin 2
Pin 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com