Electronic Components Datasheet Search
  English  ▼

X  

B3559 Datasheet(PDF) 4 Page - EPCOS

Part # B3559
Description  SAW Components Low-loss Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3559 Datasheet(HTML) 4 Page - EPCOS

  B3559 Datasheet HTML 1Page - EPCOS B3559 Datasheet HTML 2Page - EPCOS B3559 Datasheet HTML 3Page - EPCOS B3559 Datasheet HTML 4Page - EPCOS B3559 Datasheet HTML 5Page - EPCOS B3559 Datasheet HTML 6Page - EPCOS B3559 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
May 09, 2001
SAW Components
B3559
345,00 MHz
Low-loss Filter
Data Sheet
Characteristics
Reference temperature:
TA = –45 ... 90 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
min.
typ.
max.
Center frequency
fC
—
345,00
—
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
α
min
344,90 ... 345,10 MHz
—
2,0
3,5
dB
Pass band (relative to
α
min)
344,94
... 345,06 MHz
—
0,8
2,0
dB
344,90
... 345,10 MHz
—
1,0
3,0
dB
344,87
... 345,13 MHz
—
1,5
6,0
dB
Relative attenuation (relative to
α
min)
α
rel
10,00 ... 300,00 MHz
45
50
—
dB
300,00 ... 341,00 MHz
40
45
—
dB
341,00 ... 343,93 MHz
15
20
—
dB
346,10 ... 347,00 MHz
10
15
—
dB
347,00 ... 350,00 MHz
20
25
—
dB
350,00 ... 450,00 MHz
35
40
—
dB
450,00 ... 1000,00 MHz
45
50
—
dB
Impedance for pass band matching
Input:
ZIN
=
RIN
||
CIN
—
350 || 2,80
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
350 || 2,80
—
Ω || pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com