Electronic Components Datasheet Search
  English  ▼

X  

CK-2125-R22MTK Datasheet(PDF) 22 Page - Kemet Corporation

Part # CK-2125-R22MTK
Description  Surface Mount Ferrite Products
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CK-2125-R22MTK Datasheet(HTML) 22 Page - Kemet Corporation

Back Button CK-2125-R22MTK Datasheet HTML 18Page - Kemet Corporation CK-2125-R22MTK Datasheet HTML 19Page - Kemet Corporation CK-2125-R22MTK Datasheet HTML 20Page - Kemet Corporation CK-2125-R22MTK Datasheet HTML 21Page - Kemet Corporation CK-2125-R22MTK Datasheet HTML 22Page - Kemet Corporation CK-2125-R22MTK Datasheet HTML 23Page - Kemet Corporation CK-2125-R22MTK Datasheet HTML 24Page - Kemet Corporation CK-2125-R22MTK Datasheet HTML 25Page - Kemet Corporation CK-2125-R22MTK Datasheet HTML 26Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
22
Dimensions 4.0mm x 4.0mm (NR4012 Type, 1.2mm Max. Height)
Dimensions 4.0mm x 4.0mm (NR4018 Type, 1.8mm Max. Height)
Dimensions 6.0mm x 6.0mm (NR6012 Type, 1.2mm Max. Height)
Dimensions 8.0mm x 8.0mm (NR8040 Type, 4.2mm Max. Height)
Ordering code
Inductance (μH)
Inductance
Tolerance
Measuring
Frequency
(KHz)
Minimum
Self-resonant
Frequency
(MHz)
Maximum DC Resistance
(
Ω
Ω) ±30%
Maximum
Rated
Current (mA)
Maximum
Height
(mm)
Tape & Reel
Packaging Quantity
NR-4012T2R2M-K
2.2
±20%
100
66
0.09
1200
1.2
4,500
NR-4012T3R3M-K
3.3
±20%
100
50
0.13
980
1.2
4,500
NR-4012T4R7M-K
4.7
±20%
100
45
0.14
960
1.2
4,500
NR-4012T6R8M-K
6.8
±20%
100
35
0.18
840
1.2
4,500
NR-4012T100M-K
10
±20%
100
28
0.24
740
1.2
4,500
NR-4012T150M-K
15
±20%
100
23
0.40
560
1.2
4,500
NR-4012T-220M-K
22
±20%
100
18
0.48
510
1.2
4,500
NR-4012T330M-K
33
±20%
100
15
0.81
400
1.2
4,500
NR-4012T470M-K
47
±20%
100
12
1.00
350
1.2
4,500
Ordering code
Inductance (μH)
Inductance
Tolerance
Measuring
Frequency
(KHz)
Minimum
Self-resonant
Frequency
(MHz)
Maximum DC Resistance
(
Ω
Ω) ±30%
Maximum
Rated
Current (mA)
Maximum
Heigh (mm)
Tape & Reel
Packaging Quantity
NR-4018T1R0N-K
1.0
±30%
100
80
0.03
1830
1.8
3,500
NR-4018T2R2M-K
2.2
±20%
100
52
0.06
1440
1.8
3,500
NR-4018T3R3M-K
3.3
±20%
100
44
0.07
1230
1.8
3,500
NR-4018T4R7M-K
4.7
±20%
100
34
0.09
1200
1.8
3,500
NR-4018T6R8M-K
6.8
±20%
100
29
0.11
1060
1.8
3,500
NR-4018T100M-K
10
±20%
100
24
0.18
840
1.8
3,500
NR-4018T150M-K
15
±20%
100
19
0.25
650
1.8
3,500
NR-4018T220M-K
22
±20%
100
16
0.36
590
1.8
3,500
NR-4018T330M-K
33
±20%
100
12
0.53
490
1.8
3,500
NR-4018T470M-K
47
±20%
100
10
0.65
420
1.8
3,500
NR-4018T680M-K
68
±20%
100
8.3
1.00
320
1.8
3,500
NR-4018T101M-K
100
±20%
100
6.5
1.50
280
1.8
3,500
NR-4018T221M-K
200
±20%
100
4
4.00
170
1.8
3,500
Ordering code
Inductance (μH)
Inductance
Tolerance
Measuring
Frequency
(KHz)
Minimum
Self-resonant
Frequency
(MHz)
Maximum DC Resistance
(
Ω
Ω) ±30%
Maximum
Rated
Current (mA)
Maximum
Heigh (mm)
Tape & Reel
Packaging Quantity
NR-6012T3R0M-K
3.0
±20%
100
45
0.092
1730
1.2
1,000
NR-6012T4R0M-K
4.0
±20%
100
39
0.107
1570
1.2
1,000
NR-6012T5R3M-K
5.3
±20%
100
34
0.125
1400
1.2
1,000
NR-6012T6R8M-K
6.8
±20%
100
30
0.165
1180
1.2
1,000
NR-6012T100M-K
10
±20%
100
22
0.24
1000
1.2
1,000
NR-6012T150M-K
15
±20%
100
18
0.33
790
1.2
1,000
NR-6012T220M-K
22
±20%
100
12
0.55
630
1.2
1,000
NR-6012T330M-K
33
±20%
100
8
0.71
530
1.2
1,000
NR-6012T470M-K
47
±20%
100
6
1.13
460
1.2
1,000
NR-6012T680M-K
68
±20%
100
3
1.35
410
1.2
1,000
NR-6012T101M-K
100
±20%
100
1
2.18
320
1.2
1,000
Ordering code
Inductance (μH)
Inductance
Tolerance
Measuring
Frequency
(KHz)
Minimum
Self-resonant
Frequency
(MHz)
Maximum DC Resistance
(
Ω
Ω) ±30%
Maximum
Rated
Current (mA)
Maximum
Heigh (mm)
Tape & Reel
Packaging Quantity
NR-8040T1R9N-K
0.9
±30%
100
85
0.006
7800
4.2
1,000
NR-8040T1R4N-K
1.4
±30%
100
63
0.007
7000
4.2
1,000
NR-8040T2R0N-K
2.0
±30%
100
50
0.009
6300
4.2
1,000
NR-8040T3R6N-K
3.6
±30%
100
34
0.015
4900
4.2
1,000
NR-8040T4R7N-K
4.7
±30%
100
30
0.018
4100
4.2
1,000
NR-8040T6R8N-K
6.8
±30%
100
24
0.025
3700
4.2
1,000
NR-8040T100N-K
10
±20%
100
22
0.034
3100
4.2
1,000
NR-8040T150N-K
15
±20%
100
16
0.050
2400
4.2
1,000
NR-8040T220N-K
22
±20%
100
13
0.066
2200
4.2
1,000
NR-8040T330N-K
33
±20%
100
12
0.100
1700
4.2
1,000
NR-8040T470N-K
47
±20%
100
8
0.150
1400
4.2
1,000
NR-8040T680N-K
68
±20%
100
7
0.230
1100
4.2
1,000
NR-8040T101N-K
100
±20%
100
6
0.290
1000
4.2
1,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com