Electronic Components Datasheet Search
  English  ▼

X  

SA608N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA608N
Description  Low voltage high performance mixer FM IF system
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA608N Datasheet(HTML) 2 Page - NXP Semiconductors

  SA608N Datasheet HTML 1Page - NXP Semiconductors SA608N Datasheet HTML 2Page - NXP Semiconductors SA608N Datasheet HTML 3Page - NXP Semiconductors SA608N Datasheet HTML 4Page - NXP Semiconductors SA608N Datasheet HTML 5Page - NXP Semiconductors SA608N Datasheet HTML 6Page - NXP Semiconductors SA608N Datasheet HTML 7Page - NXP Semiconductors SA608N Datasheet HTML 8Page - NXP Semiconductors SA608N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA608
Low voltage high performance mixer FM IF system
November 3, 1992
3
BLOCK DIAGRAM
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
RSSI
IF
AMP
E
B
VREG
OSCILLATOR
LIMITER
MIXER
QUAD
+
–
+ –
AUDIO
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Single supply voltage
7
V
TSTG
Storage temperature range
–65 to +150
°C
TA
Operating ambient temperature range SA608
–40 to +85
°C
θJA
Thermal impedance
D package
DK package
N package
90
117
75
°C/W
DC ELECTRICAL CHARACTERISTICS
VCC = +3V, TA = 25°C; unless otherwise stated.
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
SA608
UNITS
MIN
TYP
MAX
VCC
Power supply voltage range
2.7
7.0
V
ICC
DC current drain
3.5
4.2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com