Electronic Components Datasheet Search
  English  ▼

X  

SA608D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA608D
Description  Low voltage high performance mixer FM IF system
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA608D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA608D Datasheet HTML 4Page - NXP Semiconductors SA608D Datasheet HTML 5Page - NXP Semiconductors SA608D Datasheet HTML 6Page - NXP Semiconductors SA608D Datasheet HTML 7Page - NXP Semiconductors SA608D Datasheet HTML 8Page - NXP Semiconductors SA608D Datasheet HTML 9Page - NXP Semiconductors SA608D Datasheet HTML 10Page - NXP Semiconductors SA608D Datasheet HTML 11Page - NXP Semiconductors SA608D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA608
Low voltage high performance mixer FM IF system
November 3, 1992
9
6
5
4
3
2
–55
–35
–15
5
25
45
65
85
105
125
VCC = 2.7V
VCC = 3V
VCC = 5V
VCC = 7V
Figure 4. ICC vs Temperature
mA
°C
Figure 5. Third Order Intercept Point vs Supply Voltage
Temperature (
°C)
–8.0
–8.5
–9.0
–9.5
–10.0
–10.5
–11.0
–11.5
–12.0
–12.5
–13.0
–13.5
–14.0
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
7V
3V
2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com