Electronic Components Datasheet Search
  English  ▼

X  

SFF9140C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFF9140C
Description  -18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF9140C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFF9140C Datasheet HTML 1Page - Solid States Devices, Inc SFF9140C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SFF9140C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SFF9140 FAIRCHILD-SFF9140 Datasheet
209Kb / 7P
Advanced Power MOSFET
logo
Solid States Devices, I...
SFF9140 SSDI-SFF9140 Datasheet
219Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
logo
Inchange Semiconductor ...
SFF9140 ISC-SFF9140 Datasheet
265Kb / 2P
isc P-Channel MOSFET Transistor
logo
Solid States Devices, I...
SFF9140-28 SSDI-SFF9140-28 Datasheet
223Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
SFF9140-3 SSDI-SFF9140-3 Datasheet
223Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
More results

Similar Description - SFF9140C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF240-28 SSDI-SFF240-28 Datasheet
223Kb / 2P
15 AMP / 200 Volts 0.20 OHM N-Channel POWER MOSFET
SFF240J SSDI-SFF240J Datasheet
218Kb / 2P
15 AMP 200 Volts 0.20 OHM N-Channel POWER MOSFET
SFF9140-28 SSDI-SFF9140-28 Datasheet
223Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
SFF9140 SSDI-SFF9140 Datasheet
219Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
SFF9140J SSDI-SFF9140J Datasheet
66Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
SFF9140M SSDI-SFF9140M Datasheet
224Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
SFF9140-3 SSDI-SFF9140-3 Datasheet
223Kb / 2P
-18 AMP -100 VOLTS 0.20 ohm P-Channel Power MOSFET
SFF9130J SSDI-SFF9130J Datasheet
214Kb / 2P
-11 AMP -100 VOLTS 0.30 ohm P-Channel Power MOSFET
SFF9130M SSDI-SFF9130M Datasheet
223Kb / 2P
-11 AMP -100 VOLTS 0.30 ohm P-Channel Power MOSFET
SFF9130 SSDI-SFF9130 Datasheet
231Kb / 2P
-11 AMP -100 VOLTS 0.30 ohm P-Channel Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com