Electronic Components Datasheet Search
  English  ▼

X  

SA612AN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA612AN
Description  Double-balanced mixer and oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA612AN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA612AN Datasheet HTML 4Page - NXP Semiconductors SA612AN Datasheet HTML 5Page - NXP Semiconductors SA612AN Datasheet HTML 6Page - NXP Semiconductors SA612AN Datasheet HTML 7Page - NXP Semiconductors SA612AN Datasheet HTML 8Page - NXP Semiconductors SA612AN Datasheet HTML 9Page - NXP Semiconductors SA612AN Datasheet HTML 10Page - NXP Semiconductors SA612AN Datasheet HTML 11Page - NXP Semiconductors SA612AN Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
SA612A
Double-balanced mixer and oscillator
1997 Nov 07
8
TEST CONFIGURATION
87
65
4
3
2
1
SFG455A3
100nF
220pF
INPUT
47pF
22pF
1nF
100nF
10nF
VCC
6.8
µF
0.5 to 1.3
µH
0.209 to 0.283
µH
5.6pF
44.545MHz THIRD OVERTONE CRYSTAL
612A
OR EQUIVALENT
455kHZ
45MHz IN
5.5
µH
SR00107
Figure 9. Typical Application for Cordless/Cellular Radio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com